Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBC1102 Datasheet (PDF) - SMSC Corporation

KBC1102 Datasheet PDF - SMSC Corporation
Part # KBC1102
Download  KBC1102 Download
File Size   589.99 Kbytes
Page   5 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description LEGACY FREE MOBILE KBC WITH SFI, ADC AND DAC WITH SMSC SENTINELALERT

KBC1102 Datasheet (PDF)

Go To PDF Page Download Datasheet
KBC1102 Datasheet PDF - SMSC Corporation

Part # KBC1102
Download  KBC1102 Click to download

File Size   589.99 Kbytes
Page   5 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description LEGACY FREE MOBILE KBC WITH SFI, ADC AND DAC WITH SMSC SENTINELALERT

KBC1102 Datasheet (HTML) - SMSC Corporation


KBC1102 Product details

General Description
The KBC1102 is an integrated Keyboard/System Management Controller which incorporates a high-performance 8051 Micro-Controller, an LPC Bus Interface which provides a Firmware Hub Interface and integrated Super I/O/LPC Resources. The KBC1102 is powered by two separate supply planes (VCC1, VCC0) to provide “instant on” and sophisticated system power management functions. The KBC1102 power control circuitry supports multiple low power-down modes.

PRODUCT FEATURES
■ 3.3V Operation with 5V Tolerant Buffers
■ ACPI 1.0b/2.0 and PC99a/PC2001 Compliant
■ LPC Interface with Clock Run Support
    — Serial IRQ Interface Compatible with Serialized IRQ Support for PCI Systems
    — 15 Direct IRQs
    — ACPI SCI Interface
    — nSMI
    — Shadowed write only registers
■ LPC/Firmware Hub Host Flash Interface
    — Single Byte FWH Memory Read and FWH Memory Write Support
    — FWH ID Support
    — 16MB FWH Flash and Register Addressing, 128K Legacy BIOS Addressing
    — Single Byte LPC Memory Read and LPC Memory Write Support
■ Serial Peripheral Interface (SPI)
    — Dual Ported Controller with Keeper Circuit
■ 8 MByte Shared FlashROM Interface (SFI)
    — 8051/Host CPU Hardware Arbitrated Interface
    — 0.5 - 8MB - Host System BIOS & 8051 Keyboard
    — 8051 64KB Code Space Accessible as Separate 32KB Pages in Flash
    — Low-Power Flash Access Modes
    — 8051-Programmable Flash Access Protection
        – Read/Write/No-Access Protection
        – Variable Bank Sizes
■ Host Flash Address Redirection for Recovery
■ Serial Flash Programming Interface
■ Two Power Planes
    — Low Standby Current in Sleep Mode
    — Main powered blocks power supplied by standby power plane and controlled by power management signals
■ 3-Port ACPI Embedded Controller Interface
■ Configuration Register Set
    — Compatible with ISA Plug-and-Play Standard (Version 1.0a)
    — Four Pin Selectable Addressing Options
    — 8051-Programmable Base Address
(Continue ...)




Similar Part No. - KBC1102

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
KBC1100 SMSC-KBC1100 Datasheet
564Kb / 6P
MOBILE KBC WITH SUPER I/O, SFI, ADC AND DAC WITH SMSC SENTINELALERT
KBC1100-RD SMSC-KBC1100-RD Datasheet
564Kb / 6P
MOBILE KBC WITH SUPER I/O, SFI, ADC AND DAC WITH SMSC SENTINELALERT
KBC1100-RT SMSC-KBC1100-RT Datasheet
564Kb / 6P
MOBILE KBC WITH SUPER I/O, SFI, ADC AND DAC WITH SMSC SENTINELALERT
KBC1100L SMSC-KBC1100L Datasheet
243Kb / 6P
MOBILE KBC WITH SFI ADC AND DAC WITH SMSC SENTINELALERT
KBC1100L-PE SMSC-KBC1100L-PE Datasheet
243Kb / 6P
MOBILE KBC WITH SFI ADC AND DAC WITH SMSC SENTINELALERT
More results


Similar Description - KBC1102

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
47N350 SMSC-47N350 Datasheet
4Mb / 346P
LEGACY FREE KEYBOARD EMBEDDED CONTROLLER WITH SPI AND LPC DOCKING INTERFACE
KBC1100L SMSC-KBC1100L Datasheet
243Kb / 6P
MOBILE KBC WITH SFI ADC AND DAC WITH SMSC SENTINELALERT
KBC1100 SMSC-KBC1100 Datasheet
564Kb / 6P
MOBILE KBC WITH SUPER I/O, SFI, ADC AND DAC WITH SMSC SENTINELALERT
KBC1122 SMSC-KBC1122 Datasheet
591Kb / 5P
MOBILE KBC WITH SUPER I/O, SFI, ADC AND DAC WITH SMSC SENTINELALERT
logo
Analog Devices
AD1970 AD-AD1970 Datasheet
449Kb / 20P
Digital BTSC Encoder with Integrated ADC and DAC
4/05-Revision 0
logo
SMSC Corporation
KBC1122 SMSC-KBC1122_07 Datasheet
608Kb / 5P
Mobile KBC with Super I/O, SFI, ADC and DAC with SMSC SentinelAlert
logo
Analog Devices
AD1970 AD-AD1970_15 Datasheet
450Kb / 20P
Digital BTSC Encoder with Integrated ADC and DAC
REV. 0
AD1938 AD-AD1938_17 Datasheet
547Kb / 33P
4 ADC/8 DAC with PLL
Rev. E
AD1939 AD-AD1939_17 Datasheet
552Kb / 33P
4 ADC/8 DAC with PLL
Rev. E
ADAU1328 AD-ADAU1328_17 Datasheet
395Kb / 33P
2 ADC/8 DAC with PLL
Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com