Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47N350 Datasheet (PDF) - SMSC Corporation

47N350 Datasheet PDF - SMSC Corporation
Part # 47N350
Download  47N350 Download
File Size   4756.32 Kbytes
Page   346 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description LEGACY FREE KEYBOARD EMBEDDED CONTROLLER WITH SPI AND LPC DOCKING INTERFACE

47N350 Datasheet (PDF)

Go To PDF Page Download Datasheet
47N350 Datasheet PDF - SMSC Corporation

Part # 47N350
Download  47N350 Click to download

File Size   4756.32 Kbytes
Page   346 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description LEGACY FREE KEYBOARD EMBEDDED CONTROLLER WITH SPI AND LPC DOCKING INTERFACE

47N350 Datasheet (HTML) - SMSC Corporation


47N350 Product details

General Description
The LPC47N350 is a highly integrated LPC-based ACPI 2.0 and PC2001 compliant Keyboard, System, and Power Management Controller for Notebook PC Applications. See Figure 1.1.
The LPC47N350 incorporates a high-performance 8051-based keyboard and system controller with internal 64k byte Flash ROM; a hot-plug Docking LPC port; a Serial Peripheral Interface (SPI), four PS/2 ports; a real-time clock; a 16C550A-compatible 2 pin UART for Debug Port; two 8584-style I2C/SMBus controllers with two selectable ports per controller; a Serial IRQ peripheral agent interface; an ACPI Embedded Controller Interface; forty-one General Purpose I/O pins; four independently programmable pulse width modulators; dual fan control through the implementation of two fan tachometer input pins; and maskable hardware wake-up events.

Product Features
■ 3.3V Operation with 5V Tolerant Buffers
■ ACPI 2.0 PC2001 Compliant
■ LPC Interface with Clock Run Support
   — Decode I/O, Memory, and FWH cycles
   — Serial IRQ Interface Compatible with Serialized IRQ Support for PCI Systems
   — 15 Direct IRQs
   — ACPI SCI Interface
   — nSMI output and supporting PM registers
   — Shadowed write only registers
■ LPC Switching
   — Hot Plug LPC Docking Interface
   — Secondary Switchable LPC interface (3.3V only)
■ Internal 64K Flash ROM
   — Programmed From Direct Parallel Interface, 8051, or LPC Host
   — 2k-Byte Lockable Boot Block
   — Can be Programed Without 8051 Intervention
■ Three Power Planes
   — Low Standby Current in Sleep Mode
■ ACPI Embedded Controller Interface
■ Configuration Register Set Compatible with ISA Plugand-Play Standard (Version 1.0a)
■ High-Performance Embedded 8051 Keyboard and System Controller
   — Provides System Power Management
   — System Watch Dog Timer (WDT)
   — 8042 Style Host Interface
   — Supports Interrupt and Polling Access
   — 512 Bytes Executable RAM
   — 512 Bytes Data RAM
   — On-Chip Memory-Mapped Control Registers
   — Access to RTC and CMOS Registers
   — Up to 16x8 Keyboard Scan Matrix
   — Two-16 Bit Timer/Counters
   — Integrated Full-Duplex Serial Port Interface
   — Eleven 8051 Interrupt Sources
   — Thirty-Two 8-Bit, Host/8051 Mailbox Registers
   — Thirty-Two Maskable Hardware Wake-Up Events
   — Fast GATEA20
   — Fast CPU_RESET
   — Multiple Clock Sources and Operating Frequencies
   — IDLE and SLEEP Modes
   — Fail-Safe Ring Oscillator
■ Real-Time Clock
   — MC146818 and DS1287 Compatible
   — 256 Bytes of Battery Backed CMOS in Two 128-Byte Banks
   — 128 Bytes of CMOS RAM Lockable in 4x32-Byte Blocks
   — 12- and 24-Hour Time Format
   — Binary and BCD Format
   — <2µA Standby Current (typ)
■ Two 8584-Style I2C/SMBus Controllers
   — 8051 Controlled Logic Allows I2C/SMBus Master or Slave Operation
   — I2C/SMBus Controllers are Fully Operational on Standby Power
   — 2 Sets of Dedicated Pins per I2C/SMBus Controller
■ Serial Peripheral Interface (SPI)
■ Four independent Hardware Driven PS/2 Ports
■ 41 General Purpose I/O Pins
   — 25 Maskable Hardware Wake-Event Capable
   — 6 Programmable Open-Drain/Push-Pull Outputs
■ Four Programmable Pulse-Width Modulator Outputs
   — Independent Clock Rates
   — 6-Bit Duty Cycle Granularity
   — Operational in both Full on and Standby modes
■ Dual Fan Tachometer Inputs
■ Debug Port (UART)
   — High-Speed 16550A-Compatible UART with 16-Byte Send/Receive FIFOs
   — Programmable Baud Rate Generator
   — Relocatable to 480 Different Base I/O Addresses
   — 15 IRQ Options
■ XNOR-Chain Test Mode
■ 128-Pin QFP and VTQFP Package




Similar Part No. - 47N350

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
47N227 SMSC-47N227 Datasheet
856Kb / 202P
100 Pin Super I/O with LPC Interface for Notebook Applications
logo
Infineon Technologies A...
47N60C3 INFINEON-47N60C3 Datasheet
834Kb / 14P
Cool MOS Power Transistor
2008-02-11 revision:2.6
47N60CFD INFINEON-47N60CFD Datasheet
622Kb / 13P
CoolMOS Power Transistor
2008-04-17 revision:1.3
logo
Ohmite Mfg. Co.
47NF10RE OHMITE-47NF10RE Datasheet
201Kb / 1P
Ohmicone짰 Silicone-Ceramic Conformal Axial Term. Wirewound, 1% and 5% Tol. Std.
47NF10RE OHMITE-47NF10RE Datasheet
378Kb / 2P
All-welded construction
More results


Similar Description - 47N350

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87591L-N05 NSC-PC87591L-N05 Datasheet
4Mb / 401P
LPC Mobile Embedded Controller
logo
Winbond
W83L951DG WINBOND-W83L951DG Datasheet
984Kb / 112P
Mobile Keyboard and Embedded Controller
W83L951ADG WINBOND-W83L951ADG Datasheet
1Mb / 134P
Mobile Keyboard and Embedded Controller
logo
Microchip Technology
MEC1322 MICROCHIP-MEC1322 Datasheet
5Mb / 456P
Keyboard and Embedded Controller for Notebook PC
07/14/15
MEC152X MICROCHIP-MEC152X Datasheet
6Mb / 570P
Keyboard and Embedded Controller for Notebook PC
02/28/20
MEC170X MICROCHIP-MEC170X Datasheet
6Mb / 662P
Keyboard and Embedded Controller for Notebook PC
02/28/20
MEC1725 MICROCHIP-MEC1725 Datasheet
5Mb / 721P
Keyboard and Embedded Controller for Notebook PC
02/28/20
MEC172X MICROCHIP-MEC172X Datasheet
6Mb / 786P
Keyboard and Embedded Controller for Notebook PC
02/28/20
MEC152X MICROCHIP-MEC152X_V01 Datasheet
6Mb / 576P
Keyboard and Embedded Controller for Notebook PC
09/14/21
MEC172X MICROCHIP-MEC172X_V01 Datasheet
6Mb / 786P
Keyboard and Embedded Controller for Notebook PC
DS00003583G (04-26-22)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com