Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47N227 Datasheet (PDF) - SMSC Corporation

47N227 Datasheet PDF - SMSC Corporation
Part # 47N227
Download  47N227 Download
File Size   856.15 Kbytes
Page   202 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description 100 Pin Super I/O with LPC Interface for Notebook Applications

47N227 Datasheet (PDF)

Go To PDF Page Download Datasheet
47N227 Datasheet PDF - SMSC Corporation

Part # 47N227
Download  47N227 Click to download

File Size   856.15 Kbytes
Page   202 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description 100 Pin Super I/O with LPC Interface for Notebook Applications

47N227 Datasheet (HTML) - SMSC Corporation


47N227 Product details

GENERAL DESCRIPTION
The SMSC LPC47N227 is a 3.3V PC 99 and ACPI 1.0b compliant Super I/O Controller. The LPC47N227 implements the LPC interface, a pin reduced ISA interface which provides the same or better performance as the ISA/X-bus with a substantial savings in pins used. The part also includes 29 GPIO pins.

FEATURES
◾ 3.3 Volt Operation (5V Tolerant)
◾ PC99 and ACPI 1.0b Compliant
◾ Programmable Wakeup Event Interface (nIO_PME Pin)
◾ SMI Support (nIO_SMI Pin)
◾ GPIOs (29)
◾ Two IRQ Input Pins
◾ XNOR Chain
◾ Intelligent Auto Power Management
◾ 2.88MB Super I/O Floppy Disk Controller
   - Licensed CMOS 765B Floppy Disk Controller
   - Software and Register Compatible with SMSCs Proprietary 82077AA Compatible Core
   - Supports One Floppy Drive Directly
   - Configurable Open Drain/Push-Pull Output Drivers
   - Supports Vertical Recording Format
   - 16-Byte Data FIFO
   - 100% IBM Compatibility
   - Detects All Overrun and Underrun Conditions
   - Sophisticated Power Control Circuitry (PCC) Including Multiple Powerdown Modes for Reduced Power Consumption
   - DMA Enable Logic
   - Data Rate and Drive Control Registers
   - Swap Drives A and B
   - Non-Burst Mode DMA Option
   - 48 Base I/O Address, 15 IRQ and 3 DMA Options
   - Forceable Write Protect and Disk Change Controls
◾ Floppy Disk Available on Parallel Port Pins (ACPI Compliant)
◾ Enhanced Digital Data Separator
   - 2 Mbps, 1 Mbps, 500 Kbps, 300 Kbps, 250 Kbps Data Rates
   - Programmable Precompensation Modes
◾ Serial Ports
   - Two Full Function Serial Ports
   - High Speed NS16C550 Compatible UARTs with Send/Receive 16-Byte FIFOs
   - Supports 230k and 460k Baud
   - Programmable Baud Rate Generator
   - Modem Control Circuitry
◾ Infrared Communications Controller
   - IrDA v1.2 (4Mbps), HPSIR, ASKIR, Consumer IR Support
   - 2 IR Ports
   - 96 Base I/O Address, 15 IRQ Options and 3 DMA Options
◾ Multi-Mode Parallel Port with ChiProtect
   - Standard Mode IBM PC/XT, PC/AT, and PS/2 Compatible Bidirectional Parallel Port
   - Enhanced Parallel Port (EPP) Compatible - EPP 1.7 and EPP 1.9 (IEEE 1284 Compliant)
   - IEEE 1284 Compliant Enhanced Capabilities Port (ECP)
   - ChiProtect Circuitry for Protection Against Damage Due to Printer PowerOn
   - 192 Base I/O Address, 15 IRQ and 3 DMA Options




Similar Part No. - 47N227

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
47N350 SMSC-47N350 Datasheet
4Mb / 346P
LEGACY FREE KEYBOARD EMBEDDED CONTROLLER WITH SPI AND LPC DOCKING INTERFACE
logo
Infineon Technologies A...
47N60C3 INFINEON-47N60C3 Datasheet
834Kb / 14P
Cool MOS Power Transistor
2008-02-11 revision:2.6
47N60CFD INFINEON-47N60CFD Datasheet
622Kb / 13P
CoolMOS Power Transistor
2008-04-17 revision:1.3
logo
Ohmite Mfg. Co.
47NF10RE OHMITE-47NF10RE Datasheet
201Kb / 1P
Ohmicone짰 Silicone-Ceramic Conformal Axial Term. Wirewound, 1% and 5% Tol. Std.
47NF10RE OHMITE-47NF10RE Datasheet
378Kb / 2P
All-welded construction
More results


Similar Description - 47N227

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47N267 SMSC-LPC47N267 Datasheet
1Mb / 180P
100 Pin LPC Notebook I/O with X-Bus Interface
LPC47B27X SMSC-LPC47B27X Datasheet
1Mb / 196P
100 PIN ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47B34X SMSC-LPC47B34X Datasheet
645Kb / 250P
128 Pin Enhanced Super I/O with LPC Interface for Consumer Applications
LPC47M10X SMSC-LPC47M10X Datasheet
244Kb / 5P
100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47M10X SMSC-LPC47M10X_07 Datasheet
1Mb / 188P
100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47N217 SMSC-LPC47N217_07 Datasheet
94Kb / 5P
64-Pin Super I/O with LPC Interface
LPC47N227 SMSC-LPC47N227_07 Datasheet
118Kb / 5P
100 Pin Super I/O with LPC Interface for Notebook Applications
LPC47N267 SMSC-LPC47N267_05 Datasheet
221Kb / 5P
100 Pin LPC Super I/O with X-Bus Interface
LPC47N217N SMSC-LPC47N217N Datasheet
410Kb / 5P
56-Pin Super I/O with LPC Interface
LPC47B272 SMSC-LPC47B272 Datasheet
1Mb / 195P
100 Pin Enhanced Super I/O Controller with LPC Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com