Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M10X Datasheet (PDF) - SMSC Corporation

LPC47M10X Datasheet PDF - SMSC Corporation
Part # LPC47M10X
Download  LPC47M10X Download
File Size   244.14 Kbytes
Page   5 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description 100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications

LPC47M10X Datasheet (PDF)

Go To PDF Page Download Datasheet
LPC47M10X Datasheet PDF - SMSC Corporation

Part # LPC47M10X
Download  LPC47M10X Click to download

File Size   244.14 Kbytes
Page   5 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description 100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications

LPC47M10X Datasheet (HTML) - SMSC Corporation


LPC47M10X Product details

GENERAL DESCRIPTION
The LPC47M10x* is a 3.3V (5V tolerant) PC98/PC99 compliant Super I/O controller. The LPC47M10x implements the LPC interface, a pin reduced ISA bus interface which provides the same or better performance as the ISA/X-bus with a substantial savings in pins used. The LPC47M10x provides fan control through two fan speed control output pins and two fan tachometer input pins. It also provides 37 general purpose input/output (GPIO) pins, a dual game port interface and MPU-401 MIDI support.

FEATURES
• 3.3 Volt Operation (5 Volt Tolerant)
• LPC Interface
• ACPI 1.0 Compliant
• Fan Control
   - Fan Speed Control Outputs
   - Fan Tachometer Inputs
• Programmable Wake-up Event Interface
• PC98, PC99 Compliant
• Dual Game Port Interface
• MPU-401 MIDI Support
• General Purpose Input/Output Pins
• ISA Plug-and-Play Compatible Register Set
• Intelligent Auto Power Management
• System Management Interrupt
• 2.88MB Super I/O Floppy Disk Controller
   - Licensed CMOS 765B Floppy Disk Controller
   - Software and Register Compatible with SMSCs Proprietary 82077AA Compatible Core
   - Supports Two Floppy Drives Directly
   - Configurable Open Drain/Push-Pull Output Drivers
   - Supports Vertical Recording Format
   - 16-Byte Data FIFO
   - 100% IBM Compatibility
   - Detects All Overrun and Underrun Conditions
   - Sophisticated Power Control Circuitry (PCC) Including Multiple Powerdown Modes for Reduced Power Consumption
   - DMA Enable Logic
   - Data Rate and Drive Control Registers
   - 480 Address, Up to Eight IRQ and Three DMA Options
• Enhanced Digital Data Separator
   - 2 Mbps, 1 Mbps, 500 Kbps, 300 Kbps, 250 Kbps Data Rates
   - Programmable Precompensation Modes
• Keyboard Controller
   - 8042 Software Compatible
   - 8 Bit Microcomputer
   - 2k Bytes of Program ROM 256 Bytes of Data RAM
   - Four Open Drain Outputs Dedicated for Keyboard/Mouse Interface
   - Asynchronous Access to Two Data Registers and One Status Register
   - Supports Interrupt and Polling Access
   - 8 Bit Counter Timer
   - Port 92 Support
   - Fast Gate A20 and KRESET Outputs
• Serial Ports
   - Two Full Function Serial Ports
   - High Speed NS16C550 Compatible UARTs with Send/Receive 16-Byte FIFOs
   - Supports 230k and 460k Baud Programmable Baud Rate Generator Modem Control Circuitry
   - 480 Address and 15 IRQ Options
• Infrared Port
   - Multiprotocol Infrared Interface
   - IrDA 1.0 Compliant
   - SHARP ASK IR
   - 480 Addresses, Up to 15 IRQ
• Multi-Mode Parallel Port with ChiProtect
   - Standard Mode IBM PC/XT®, PC/AT, and PS/2 Compatible Bidirectional Parallel Port
   - Enhanced Parallel Port (EPP) Compatible
   - EPP 1.7 and EPP 1.9 (IEEE 1284 Compliant)
   - IEEE 1284 Compliant Enhanced Capabilities Port (ECP)
   - ChiProtect Circuitry for Protection
   - 480 Address, Up to 15 IRQ and Three DMA Options
• LPC Interface
   - Multiplexed Command, Address and Data Bus
   - Serial IRQ Interface Compatible with Serialized IRQ Support for PCI Systems
   - PME Interface
• 100 Pin QFP package, lead-free RoHS compliant packages also available




Similar Part No. - LPC47M10X

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47M10X SMSC-LPC47M10X Datasheet
1Mb / 188P
100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47M10X SMSC-LPC47M10X_07 Datasheet
1Mb / 188P
100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
More results


Similar Description - LPC47M10X

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
47N227 SMSC-47N227 Datasheet
856Kb / 202P
100 Pin Super I/O with LPC Interface for Notebook Applications
LPC47M112-MC SMSC-LPC47M112-MC Datasheet
1Mb / 193P
ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47B27X SMSC-LPC47B27X Datasheet
1Mb / 196P
100 PIN ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47M112 SMSC-LPC47M112 Datasheet
1Mb / 208P
ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47B34X SMSC-LPC47B34X Datasheet
645Kb / 250P
128 Pin Enhanced Super I/O with LPC Interface for Consumer Applications
LPC47M10X SMSC-LPC47M10X_07 Datasheet
1Mb / 188P
100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47M112 SMSC-LPC47M112_07 Datasheet
1Mb / 204P
Enhanced Super I/O Controller with LPC Interface
LPC47N227 SMSC-LPC47N227_07 Datasheet
118Kb / 5P
100 Pin Super I/O with LPC Interface for Notebook Applications
LPC47S422 SMSC-LPC47S422 Datasheet
79Kb / 4P
Enhanced Super I/O with LPC Interface for Server Applications
LPC47B272 SMSC-LPC47B272 Datasheet
1Mb / 195P
100 Pin Enhanced Super I/O Controller with LPC Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com