Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2JF Datasheet (PDF) - First Silicon Co., Ltd

S2JF Datasheet PDF - First Silicon Co., Ltd
Part # S2JF
Download  S2JF Download
File Size   552.91 Kbytes
Page   2 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Reverse Voltage - 50 to 1000 V , Forward Current - 2A

S2JF Datasheet (PDF)

Go To PDF Page Download Datasheet
S2JF Datasheet PDF - First Silicon Co., Ltd

Part # S2JF
Download  S2JF Click to download

File Size   552.91 Kbytes
Page   2 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Reverse Voltage - 50 to 1000 V , Forward Current - 2A

S2JF Datasheet (HTML) - First Silicon Co., Ltd




Similar Part No. - S2JF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S2JF PANJIT-S2JF Datasheet
126Kb / 4P
SURFACE MOUNT RECTIFIER
logo
Guangdong Kexin Industr...
S2JF KEXIN-S2JF Datasheet
1Mb / 3P
Rectifier Diodes
logo
Microdiode Semiconducto...
S2JF CHENDA-S2JF Datasheet
626Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
S2JF YFWDIODE-S2JF Datasheet
116Kb / 3P
Surface MountGeneral Purpose Silicon Rectifiers
logo
Guangdong Juxing Electr...
S2JF JUXING-S2JF Datasheet
843Kb / 3P
Surface Mount Standard Rectifiers
More results


Similar Description - S2JF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS1A ETC1-IS1A Datasheet
186Kb / 2P
Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere
logo
Rugao Dachang Electroni...
1N5391 DACHANG-1N5391 Datasheet
119Kb / 2P
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.5A
1N5391G DACHANG-1N5391G Datasheet
119Kb / 2P
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.5A
GP15A DACHANG-GP15A Datasheet
118Kb / 2P
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.5A
RL151 DACHANG-RL151 Datasheet
118Kb / 2P
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.5A
RL201 DACHANG-RL201 Datasheet
118Kb / 2P
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.0 A
RL251 DACHANG-RL251 Datasheet
117Kb / 2P
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.5 A
RL251G DACHANG-RL251G Datasheet
118Kb / 2P
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.5 A
logo
First Silicon Co., Ltd
S1AF FS-S1AF Datasheet
608Kb / 2P
Reverse Voltage - 50 to 1000 V , Forward Current - 1 A
UF4001 FS-UF4001 Datasheet
207Kb / 2P
Reverse Voltage 50 to 1000 Volts, Forward Current 1.0 Ampere
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com