Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1AF Datasheet (PDF) - First Silicon Co., Ltd

S1AF Datasheet PDF - First Silicon Co., Ltd
Part # S1AF
Download  S1AF Download
File Size   608.13 Kbytes
Page   2 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Reverse Voltage - 50 to 1000 V , Forward Current - 1 A

S1AF Datasheet (PDF)

Go To PDF Page Download Datasheet
S1AF Datasheet PDF - First Silicon Co., Ltd

Part # S1AF
Download  S1AF Click to download

File Size   608.13 Kbytes
Page   2 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Reverse Voltage - 50 to 1000 V , Forward Current - 1 A

S1AF Datasheet (HTML) - First Silicon Co., Ltd




Similar Part No. - S1AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S1AF ETC2-S1AF Datasheet
537Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
S1AF YENYO-S1AF Datasheet
204Kb / 2P
1.0A General Purpose Rectifier
logo
Microdiode Semiconducto...
S1AF CHENDA-S1AF Datasheet
646Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
S1AF YFWDIODE-S1AF Datasheet
119Kb / 3P
Surface MountGeneral Purpose Silicon Rectifiers
logo
SUNMATE electronic Co.,...
S1AF SUNMATE-S1AF Datasheet
463Kb / 2P
SURFACE MOUNT SILICON RECTIFIER DIODES
More results


Similar Description - S1AF

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
1N5400G DACHANG-1N5400G Datasheet
118Kb / 2P
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 3.0 A
RL201 DACHANG-RL201 Datasheet
118Kb / 2P
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.0 A
RL251 DACHANG-RL251 Datasheet
117Kb / 2P
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.5 A
RL251G DACHANG-RL251G Datasheet
118Kb / 2P
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.5 A
logo
SHIKUES Electronics
1N4001F SKTECHNOLGY-1N4001F Datasheet
273Kb / 3P
Surface Mount General Purpose Silicon Rectifiers Reverse Voltage - 50 to 1000 V Forward Current - 1 A
1N4001G SKTECHNOLGY-1N4001G Datasheet
1Mb / 3P
Surface Mount General Purpose Silicon Rectifiers Reverse Voltage - 50 to 1000 V Forward Current - 1 A
1N4001W SKTECHNOLGY-1N4001W Datasheet
349Kb / 4P
Surface Mount General Purpose Silicon Rectifiers Reverse Voltage - 50 to 1000 V Forward Current - 1 A
S1AF SKTECHNOLGY-S1AF Datasheet
348Kb / 3P
Surface Mount General Purpose Silicon Rectifiers Reverse Voltage - 50 to 1000 V Forward Current - 1 A
logo
First Silicon Co., Ltd
S2AF FS-S2AF Datasheet
552Kb / 2P
Reverse Voltage - 50 to 1000 V , Forward Current - 2A
logo
Guangdong Youtai Semico...
1N4001 UMW-1N4001 Datasheet
124Kb / 4P
Surface Mount General Purpose Silicon Rectifiers Reverse Voltage - 50 to 1000 V Forward Current - 1 A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com