Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1AF Datasheet (PDF) - YENYO TECHNOLOGY Co., Ltd

S1AF Datasheet PDF - YENYO TECHNOLOGY Co., Ltd
Part # S1AF
Download  S1AF Download
File Size   204.55 Kbytes
Page   2 Pages
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd
Description 1.0A General Purpose Rectifier

S1AF Datasheet (PDF)

Go To PDF Page Download Datasheet
S1AF Datasheet PDF - YENYO TECHNOLOGY Co., Ltd

Part # S1AF
Download  S1AF Click to download

File Size   204.55 Kbytes
Page   2 Pages
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd
Description 1.0A General Purpose Rectifier

S1AF Datasheet (HTML) - YENYO TECHNOLOGY Co., Ltd




Similar Part No. - S1AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S1AF ETC2-S1AF Datasheet
537Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Microdiode Semiconducto...
S1AF CHENDA-S1AF Datasheet
646Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
S1AF YFWDIODE-S1AF Datasheet
119Kb / 3P
Surface MountGeneral Purpose Silicon Rectifiers
logo
SUNMATE electronic Co.,...
S1AF SUNMATE-S1AF Datasheet
463Kb / 2P
SURFACE MOUNT SILICON RECTIFIER DIODES
logo
Chongqing Pingwei Enter...
S1AF CHONGQING-S1AF Datasheet
177Kb / 1P
1.0AMP. GLASS PASSIVATED SURFACE MOUNT RECTIFIERS
More results


Similar Description - S1AF

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
1N4001G TAITRON-1N4001G Datasheet
170Kb / 4P
1.0A GENERAL PURPOSE SILICON RECTIFIER
logo
Gulf Semiconductor
1N4001 GULFSEMI-1N4001 Datasheet
102Kb / 3P
GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
1N4001E GULFSEMI-1N4001E Datasheet
86Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
1N4007-E GULFSEMI-1N4007-E Datasheet
82Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
RL101 GULFSEMI-RL101 Datasheet
745Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
logo
Naina Semiconductor ltd...
1N4007 NAINA-1N4007 Datasheet
106Kb / 2P
General Purpose Rectifier 1.0A
logo
Yangzhou yangjie electr...
GS3AB YANGJIE-GS3AB Datasheet
140Kb / 2P
General Purpose Rectifier
logo
Shenzhen Luguang Electr...
FM4001-M LUGUANG-FM4001-M Datasheet
171Kb / 2P
1.0A Surface Mount General Purpose Rectifiers
logo
WILLAS ELECTRONIC CORP
FM4001L WILLAS-FM4001L Datasheet
282Kb / 4P
1.0A GENERAL PURPOSE RECTIFIERS - 50V- 1000V
logo
YENYO TECHNOLOGY Co., L...
GS1000FL YENYO-GS1000FL Datasheet
234Kb / 2P
1.0A General Purpose Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com