Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1AF Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # S1AF
Description  Reverse Voltage - 50 to 1000 V , Forward Current - 1 A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

S1AF Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  S1AF Datasheet HTML 1Page - First Silicon Co., Ltd S1AF Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2016. 09. 06
2/2
Revision No : 0
S1AF ~ S1MF
0.1
0.6
0.8
0.9
1.0
1.1
g 3 y
c
Instaneous Forward Voltage (V)
0.7
1.0
0.2
0.5
F
y
a
v
200
400
600
800
0
0.01
0.1
1.0
10
Instaneous Reverse Voltage (V)
100
TJ=25°C
TJ=50°C
TJ=75°C
TJ=100°C
TJ=125°C
TJ=150°C
2
4
6
8
10
0
15
F
c
t o C
c
0
Reverse Voltage (V)
5
10
20
25
30
35
40
12
0.2
0.4
0.6
0.8
1.0
1.2
0.0
25
50
75
100
125
150
175
g.
t D
Ambient Temperature (°C)
Single phase half-wave 60 Hz
resistive or inductive load



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com