Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7295AE Datasheet (PDF) - Exar Corporation

XRT7295AE Datasheet PDF - Exar Corporation
Part # XRT7295AE
Download  XRT7295AE Download
File Size   1264.21 Kbytes
Page   18 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description DS3/Sonet STS-1 Integrated Line Receiver

XRT7295AE Datasheet (PDF)

Go To PDF Page Download Datasheet
XRT7295AE Datasheet PDF - Exar Corporation

Part # XRT7295AE
Download  XRT7295AE Click to download

File Size   1264.21 Kbytes
Page   18 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description DS3/Sonet STS-1 Integrated Line Receiver

XRT7295AE Datasheet (HTML) - Exar Corporation


XRT7295AE Product details

GENERAL DESCRIPTION
The XRT7295AE E3 Integrated Line Receiver is a fully integrates receive interface that terminates a bipolar E3 (34.3684 Mbps) signal transmitted over coaxial Cable. This device can be used with the XRT7296 Integrated Line Transmitter (see Figure 10), The device provides the functions of receive equalization (optional) automatic gain control (AGC), clock recovery and data re-timing, loss of signal and loss-of frequency lock detection. The digital system interface is a dual-rail with received positive and negative 1s appearing as unipolar digital signals on separate output leads. The on-chip equalizer is designed for cable losses of 0 to 15dB. The receive input has a variable input sensitivity control, providing three different sensitivity settings. High input sensitivity allows for significant amounts of flat loss or for use with input signals at the monitor level. Figure 1 shows the block diagram of the device.

FEATURES
● Fully Integrated Receive Interface for E3 Signals
● Integrated Equalization (Optional) and Timing Recovery
● Loss-of-Signal and Loss-of-Lock Alarms
● Variable Input Sensitivity Control
● 5V Power Supply
● Compliant with G703, G.775 and G.824 Specifications

APPLICATIONS
● Interface to E3 Networks
● CSU/DSU Equipment
● PCM Test Equipment
● Fiber Optic Terminals
● Multiplexers




Similar Part No. - XRT7295AE

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT7295AE EXAR-XRT7295AE Datasheet
965Kb / 15P
E3 (34.368Mbps) Integrated line Receiver
XRT7295AEIW EXAR-XRT7295AEIW Datasheet
965Kb / 15P
E3 (34.368Mbps) Integrated line Receiver
XRT7295AE EXAR-XRT7295AE_03 Datasheet
965Kb / 15P
E3 (34.368Mbps) Integrated line Receiver
More results


Similar Description - XRT7295AE

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2500B AKM-AK2500B Datasheet
78Kb / 17P
DS3/STS-1 Analog Line Receiver
logo
Exar Corporation
XR-T7295 EXAR-XR-T7295 Datasheet
226Kb / 20P
DS3/Sonet STS-1 Integrated Line Receiver
XRT7295AT EXAR-XRT7295AT Datasheet
1Mb / 18P
DS3/Sonet STS-1 Integrated Line Receiver
XRT7298 EXAR-XRT7298 Datasheet
582Kb / 16P
DS3/STS-1, E3 INTEGRATED LINE TRANSMITTER
XRT75L00D EXAR-XRT75L00D Datasheet
894Kb / 92P
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75VL00D EXAR-XRT75VL00D Datasheet
836Kb / 92P
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XR-T7296 EXAR-XR-T7296 Datasheet
173Kb / 16P
DS3/STS-1, E3 Integrated Line Transmitter
XRT75VL00D EXAR-XRT75VL00D_08 Datasheet
842Kb / 92P
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT7295AT EXAR-XRT7295AT_10 Datasheet
123Kb / 2P
DS3 SONET STS1 Integrated Line Receiver
XRT7296 EXAR-XRT7296_10 Datasheet
124Kb / 2P
XRT7296 DS3 STS-1 E3 Integrated Line Transmitter
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com