Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICP-S Datasheet (PDF) - Rohm

ICP-S Datasheet PDF - Rohm
Part # ICP-S
Download  ICP-S Download
File Size   149.11 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Overcurrent Protection Elements

ICP-S Datasheet (PDF)

Go To PDF Page Download Datasheet
ICP-S Datasheet PDF - Rohm

Part # ICP-S
Download  ICP-S Click to download

File Size   149.11 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Overcurrent Protection Elements

ICP-S Datasheet (HTML) - Rohm


ICP-S Product details

Overview
The ICP-S is an IC protector of surface mounting type developed as an element for the protection of ICs from output short-circuiting damage. The internal resistance of this lightweight, compact overcurrent protection element is low, as long as the steady-state current of the element does not exceed the rated DC orAC current. The ICP-S, however, turns off ICs instantly if the steady-state current reaches or exceeds the breaking current of the ICP-S.

Features
1) Instantly breaks currents with a low potential drop. (See 3-1 Potential Drop Comparison)
2) Compact surface-mounting model.                          (See 2. External Dimensions)
3) Unlike fuses, there is no steady-state current reduction with the rated current applied. No derating is necessary.
4) Minimal breaking point dispersion.            (See the graph in 3-2 Breaking Current Dispersion
                                                                       Characteristics)
5) Excellent temperature characteristics (See the graphs in 3-3 Temperature Characteristics)
   • The fluctuation of the breaking current caused by temperature changes is minimal.
   • Wide operating temperature range: −55°C to +125°C
6) Excellent vibration resistance.
7) UL-approved product with certification No. 107856.
8) No deterioration or circuit breaking caused by static electricity.




Similar Part No. - ICP-S

ManufacturerPart #DatasheetDescription
logo
Rohm
ICP-S0.5 ROHM-ICP-S0.5 Datasheet
87Kb / 6P
Circuit protection elements
ICP-S0.5 ROHM-ICP-S0.5 Datasheet
98Kb / 6P
Circuit protection elements
ICP-S0.5 ROHM-ICP-S0.5 Datasheet
109Kb / 6P
Circuit protection elements
ICP-S0.7 ROHM-ICP-S0.7 Datasheet
87Kb / 6P
Circuit protection elements
ICP-S0.7 ROHM-ICP-S0.7 Datasheet
98Kb / 6P
Circuit protection elements
More results


Similar Description - ICP-S

ManufacturerPart #DatasheetDescription
logo
Rohm
ICP-S0.5 ROHM-ICP-S0.5 Datasheet
87Kb / 6P
Circuit protection elements
logo
EPCOS
B59810C0130A070 EPCOS-B59810C0130A070 Datasheet
156Kb / 11P
Overcurrent Protection
B59884C0120A070 EPCOS-B59884C0120A070 Datasheet
69Kb / 3P
Overcurrent Protection
B59101P1080A062 EPCOS-B59101P1080A062 Datasheet
83Kb / 4P
Overcurrent protection
logo
Tyco Electronics
AHS080-2018 MACOM-AHS080-2018 Datasheet
35Kb / 1P
Overcurrent Protection Device
logo
Rohm
ICP-N15T104 ROHM-ICP-N15T104 Datasheet
98Kb / 6P
Circuit protection elements
ICP-S2.3TN ROHM-ICP-S2.3TN Datasheet
98Kb / 6P
Circuit protection elements
ICP-N10T104 ROHM-ICP-N10T104 Datasheet
109Kb / 6P
Circuit protection elements
ICP-N50T104 ROHM-ICP-N50T104 Datasheet
98Kb / 6P
Circuit protection elements
logo
STMicroelectronics
STEVAL-ISA008V1 STMICROELECTRONICS-STEVAL-ISA008V1 Datasheet
126Kb / 4P
Overcurrent protection
15-Nov-2010
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com