Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA008V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA008V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA008V1
Download  STEVAL-ISA008V1 Download
File Size   126.15 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Overcurrent protection

STEVAL-ISA008V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA008V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA008V1
Download  STEVAL-ISA008V1 Click to download

File Size   126.15 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Overcurrent protection

STEVAL-ISA008V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA008V1 Product details

Description
The STEVAL-ISA008V1 demonstration board is a 28 W switch mode power supply which can be used to supply an LCD monitor or even an LCDTV, with 15" or 17" panels and 2 lamps for backlight together with multimedia functions such as audio. The SMPS accepts a full range input voltage (90 to 265 Vrms) and can deliver four output voltages dedicated to the scaler (3.3 V), to the mP (7 V), to the backlight and audio (12 V), and to the TV tuner (35 V). The standby performance is very good, and the power consumption during standby is 800 mW at 230 Vac. The circuit is also fully protected against faults such as output short-circuit or overvoltage. The design pays particular attention to the final cost of the solution, so the PCB has been designed as single layer, and the circuit has no heat sink. The technology used is the standard through-holes, but can be easily changed to SMT as most of the components are available also in this technology. The circuit has been tested thoroughly in all the most relevant aspects with positive results and has been integrated with a 15" LCD-TV application without showing any problems. STEVAL-ISA008V1

Features
■ Input voltage – Vin: 90 - 264 Vrms f: 45-66 Hz
■ Output voltages – 3.3 V ± 2 % at 1 A - dedicated to panel and digital circuitry for scaling – 7 V ± 8 % at 0.2 A - dedicated to post- regulator for microprocessor – 12 V ± 8 % at 2 A - dedicated to backlight lamp inverters, audio and SCART – 35 V ± 10 % at 10 mA - dedicated to tuner for TV-LCD
■ Standby – Input power less than 1 W at 230 Vac, delivering 30 mA on 7 V
■ Overcurrent protection – On all outputs, with auto-restart at short removal
■ PCB type & size – Cu single side 35 mm, CEM-1, 130 x 70 mm
■ Safety – According to EN60950, creepage and clearance minimum distance 6.4 mm
■ Emc – According to EN50022 Class B
■ RoHS compliant




Similar Part No. - STEVAL-ISA008V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA001V1 STMICROELECTRONICS-STEVAL-ISA001V1 Datasheet
283Kb / 5P
6W Dual Output Supply using VIPer12A
01-Feb-2006
STEVAL-ISA002V1 STMICROELECTRONICS-STEVAL-ISA002V1 Datasheet
254Kb / 5P
Switching Frequency 60 kHz
01-Feb-2006
STEVAL-ISA004V1 STMICROELECTRONICS-STEVAL-ISA004V1 Datasheet
65Kb / 4P
Current mode control
28-Nov-2007
STEVAL-ISA005V1 STMICROELECTRONICS-STEVAL-ISA005V1 Datasheet
131Kb / 5P
Switch mode general purpose power supply
23-Jul-2007
STEVAL-ISA006V1 STMICROELECTRONICS-STEVAL-ISA006V1 Datasheet
122Kb / 5P
6W Non-isolated fly-back topology power supply with VIPer12AS
23-Mar-2006
More results


Similar Description - STEVAL-ISA008V1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59810C0130A070 EPCOS-B59810C0130A070 Datasheet
156Kb / 11P
Overcurrent Protection
B59884C0120A070 EPCOS-B59884C0120A070 Datasheet
69Kb / 3P
Overcurrent Protection
B59101P1080A062 EPCOS-B59101P1080A062 Datasheet
83Kb / 4P
Overcurrent protection
logo
Tyco Electronics
AHS080-2018 MACOM-AHS080-2018 Datasheet
35Kb / 1P
Overcurrent Protection Device
TRF250-180S MACOM-TRF250-180S Datasheet
84Kb / 1P
Overcurrent Protection Device
RGEF1100 MACOM-RGEF1100 Datasheet
47Kb / 1P
Overcurrent Protection Device
TRF600-150-RB MACOM-TRF600-150-RB Datasheet
88Kb / 1P
Overcurrent Protection Device
logo
Littelfuse
AGRF700 LITTELFUSE-AGRF700 Datasheet
353Kb / 2P
Overcurrent Protection Device
AGRF1200 LITTELFUSE-AGRF1200 Datasheet
355Kb / 2P
Overcurrent Protection Device
AHEF750 LITTELFUSE-AHEF750 Datasheet
263Kb / 2P
Overcurrent Protection Device
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com