Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA004V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA004V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA004V1
Download  STEVAL-ISA004V1 Download
File Size   65.83 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Current mode control

STEVAL-ISA004V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA004V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA004V1
Download  STEVAL-ISA004V1 Click to download

File Size   65.83 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Current mode control

STEVAL-ISA004V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA004V1 Product details

Description
This evaluation board is an offline, wide-range, VIPer22A-E dual-output power supply with a switching frequency of 60 kHz and is set up for secondary regulation with an optocoupler. One output delivers 5 V at 1 A and a second output delivers 12 V at 0.42 A, making for a total output power of 10 W. The evaluation board meets Blue Angel Norms, consuming less than 1 W total when working in standby mode. The board operates in burst mode when both the output loads are reduced to zero and the output voltages still remain regulated. STEVAL-ISA004V1

Features
■ Switch-mode general-purpose power supply
■ Input: 90 to 264 VAC 50/60 Hz
■ Output: 12 V @ 0.42 A and 5 V @ 1 A
■ Burst-mode operation in standby for Blue Angel operation
■ Current mode control
■ Switching frequency: 60 kHz
■ 75% efficiency
■ Auxiliary undervoltage lockout with hysteresis
■ Output short-circuit protection




Similar Part No. - STEVAL-ISA004V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA001V1 STMICROELECTRONICS-STEVAL-ISA001V1 Datasheet
283Kb / 5P
6W Dual Output Supply using VIPer12A
01-Feb-2006
STEVAL-ISA002V1 STMICROELECTRONICS-STEVAL-ISA002V1 Datasheet
254Kb / 5P
Switching Frequency 60 kHz
01-Feb-2006
STEVAL-ISA005V1 STMICROELECTRONICS-STEVAL-ISA005V1 Datasheet
131Kb / 5P
Switch mode general purpose power supply
23-Jul-2007
STEVAL-ISA006V1 STMICROELECTRONICS-STEVAL-ISA006V1 Datasheet
122Kb / 5P
6W Non-isolated fly-back topology power supply with VIPer12AS
23-Mar-2006
STEVAL-ISA007V1 STMICROELECTRONICS-STEVAL-ISA007V1 Datasheet
129Kb / 5P
High power 3-phase auxiliary power supply evaluation board Based on L5991 and ESBT STC08DE150HV
27-Jun-2007
More results


Similar Description - STEVAL-ISA004V1

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
Current Mode PWM Control Circuit
Rev. 12/23/97
logo
Wuxi Youda electronics ...
YD3843 YOUDA-YD3843 Datasheet
85Kb / 4P
CURRENT MODE PWM CONTROL CIRCUITS
logo
Unisonic Technologies
UC3842A UTC-UC3842A_05 Datasheet
96Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
logo
ON Semiconductor
CS52843 ONSEMI-CS52843 Datasheet
240Kb / 9P
Current Mode PWM Control Circuit
July, 2006 ??Rev. 4
logo
Unisonic Technologies
UC3842A UTC-UC3842A_11 Datasheet
270Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
logo
International Rectifier
IRIS4013K IRF-IRIS4013K Datasheet
66Kb / 6P
Primary current mode control, and secondary voltage mode control
logo
Sanken electric
SI-8050Y SANKEN-SI-8050Y Datasheet
69Kb / 2P
Current Mode Control Step-Switching Mode
logo
ON Semiconductor
CS2844 ONSEMI-CS2844 Datasheet
162Kb / 12P
Current Mode PWM Control Circuit
June, 2001 ??Rev. 3
CS52845 ONSEMI-CS52845 Datasheet
59Kb / 8P
Current Mode PWM Control
December, 2001 - Rev. 3
logo
Unisonic Technologies
UC3842A UTC-UC3842A_17 Datasheet
286Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com