Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9600G Datasheet (PDF) - Microsemi Corporation

9600G Datasheet PDF - Microsemi Corporation
Part # 9600G
Download  9600G Download
File Size   305.97 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 95 W/Port Gigabit Midspan Family for High Power Terminals

9600G Datasheet (PDF)

Go To PDF Page Download Datasheet
9600G Datasheet PDF - Microsemi Corporation

Part # 9600G
Download  9600G Click to download

File Size   305.97 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 95 W/Port Gigabit Midspan Family for High Power Terminals

9600G Datasheet (HTML) - Microsemi Corporation




Similar Part No. - 9600G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9600 ETC2-9600 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Keystone Electronics Co...
9600 KEYSTONE-9600 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Sensata Technologies, I...
9600 SENSATA-9600 Datasheet
411Kb / 2P
Spring Return Linear Position Sensor
logo
APEM
9600 APEM-9600 Datasheet
375Kb / 8P
9000 series
logo
Keystone Electronics Co...
9600 KEYSTONE-9600 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
More results


Similar Description - 9600G

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
POE125U-8 PHIHONG-POE125U-8 Datasheet
456Kb / 2P
8 Port Gigabit Power Over Ethernet Midspan
POE125U-8 PHIHONG-POE125U-8_14 Datasheet
86Kb / 2P
8 Port Gigabit Power over Ethernet Midspan
logo
Microsemi Corporation
PD-3501G MICROSEMI-PD-3501G Datasheet
549Kb / 2P
Single-port Gigabit PoE Midspan, 802.3af Compliant
PD-9500G MICROSEMI-PD-9500G Datasheet
788Kb / 2P
72W/Port Gigabit EEPoE Midspan Family for High Power Terminals
9601G MICROSEMI-9601G Datasheet
378Kb / 2P
PoH 95 W, Single Port Gigabit Midspan
PD-9000G MICROSEMI-PD-9000G Datasheet
928Kb / 2P
IEEE802.3at Compliant 36W/Port Midspan Family
logo
Microchip Technology
PD-9501GC MICROCHIP-PD-9501GC Datasheet
417Kb / 2P
Single-Port IEEE802.3bt 60W Gigabit PoE Midspan
6/21
PD-9506GC MICROCHIP-PD-9506GC Datasheet
549Kb / 2P
60W/Port Gigabit Midspan Family for High-Power Powered Devices
9/19
PD-9606GC MICROCHIP-PD-9606GC Datasheet
528Kb / 2P
90W/Port Gigabit Midspan Family for High-Power Powered Devices
11/20
PD-3504G MICROCHIP-PD-3504G Datasheet
440Kb / 2P
4-port 802.3af Compliant Gigabit Midspan
5/21
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com