Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9601G Datasheet (PDF) - Microsemi Corporation

9601G Datasheet PDF - Microsemi Corporation
Part # 9601G
Download  9601G Download
File Size   378.46 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description PoH 95 W, Single Port Gigabit Midspan

9601G Datasheet (PDF)

Go To PDF Page Download Datasheet
9601G Datasheet PDF - Microsemi Corporation

Part # 9601G
Download  9601G Click to download

File Size   378.46 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description PoH 95 W, Single Port Gigabit Midspan

9601G Datasheet (HTML) - Microsemi Corporation




Similar Part No. - 9601G

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
9601 NSC-9601 Datasheet
147Kb / 6P
Retriggerable One Shot
logo
Peregrine Semiconductor...
9601-00 PEREGRINE-9601-00 Datasheet
258Kb / 14P
2200 MHz UltraCMOS??Integer-N PLL for Rad Hard Applications
9601-01 PEREGRINE-9601-01 Datasheet
258Kb / 14P
2200 MHz UltraCMOS??Integer-N PLL for Rad Hard Applications
9601-11 PEREGRINE-9601-11 Datasheet
258Kb / 14P
2200 MHz UltraCMOS??Integer-N PLL for Rad Hard Applications
logo
ETRI
9601-36 ETRI-9601-36 Datasheet
82Kb / 1P
PLUGS AND CABLES
More results


Similar Description - 9601G

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
POE125U-8 PHIHONG-POE125U-8_14 Datasheet
86Kb / 2P
8 Port Gigabit Power over Ethernet Midspan
logo
Microsemi Corporation
PD-3501G MICROSEMI-PD-3501G Datasheet
549Kb / 2P
Single-port Gigabit PoE Midspan, 802.3af Compliant
9600G MICROSEMI-9600G Datasheet
305Kb / 2P
95 W/Port Gigabit Midspan Family for High Power Terminals
PD-9001GR MICROSEMI-PD-9001GR Datasheet
550Kb / 2P
Single-port Gigabit PoE Midspan, 802.3at Compliant
PD-9501G MICROSEMI-PD-9501G Datasheet
819Kb / 2P
60W, Gigabit, Single-port PoE Midspan, 24VDC Input
PD-9501G MICROSEMI-PD-9501G_V01 Datasheet
1Mb / 2P
60W, Gigabit, Single-port PoE Midspan, 48VDC Input
PD-9501GR MICROSEMI-PD-9501GR Datasheet
737Kb / 2P
Single-port, 60W Gigabit Midspan, 4-Pairs, 802.3at Compliant
PD-9601GO MICROSEMI-PD-9601GO Datasheet
173Kb / 2P
Single Port, 90W, Outdoor PoH Midspan
logo
Microchip Technology
PD-9501GC MICROCHIP-PD-9501GC Datasheet
417Kb / 2P
Single-Port IEEE802.3bt 60W Gigabit PoE Midspan
6/21
PD-3504G MICROCHIP-PD-3504G Datasheet
440Kb / 2P
4-port 802.3af Compliant Gigabit Midspan
5/21
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com