Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC512LP5 Datasheet (PDF) - Analog Devices

HMC512LP5 Datasheet PDF - Analog Devices
Part # HMC512LP5
Download  HMC512LP5 Download
File Size   381.46 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description MMIC VCO WITH HALF FREQUENCY OUTPUT 9.6 - 10.8 GHz

HMC512LP5 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC512LP5 Datasheet PDF - Analog Devices

Part # HMC512LP5
Download  HMC512LP5 Click to download

File Size   381.46 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description MMIC VCO WITH HALF FREQUENCY OUTPUT 9.6 - 10.8 GHz

HMC512LP5 Datasheet (HTML) - Analog Devices




Similar Part No. - HMC512LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC512LP5 HITTITE-HMC512LP5 Datasheet
430Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.6 - 10.8 GHz
HMC512LP5 HITTITE-HMC512LP5 Datasheet
320Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.6 - 10.8 GHz
HMC512LP5E HITTITE-HMC512LP5E Datasheet
430Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.6 - 10.8 GHz
HMC512LP5E HITTITE-HMC512LP5E Datasheet
320Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.6 - 10.8 GHz
HMC512LP5 HITTITE-HMC512LP5_11 Datasheet
430Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.6 - 10.8 GHz
More results


Similar Description - HMC512LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC512LP5 HITTITE-HMC512LP5 Datasheet
320Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.6 - 10.8 GHz
HMC530LP5 HITTITE-HMC530LP5 Datasheet
320Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.5 - 10.8 GHz
HMC512LP5 HITTITE-HMC512LP5_11 Datasheet
430Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.6 - 10.8 GHz
HMC530LP5 HITTITE-HMC530LP5_11 Datasheet
344Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.5 - 10.8 GHz
logo
Analog Devices
HMC1160 AD-HMC1160 Datasheet
236Kb / 10P
MMIC VCO with Half Frequency Output, 8.45 GHz to 9.30 GHz
REV. A
HMC1162 AD-HMC1162 Datasheet
245Kb / 11P
9.25 GHz to 10.10 GHz MMIC VCO with Half Frequency Output
REV. A
HMC1164 AD-HMC1164 Datasheet
233Kb / 10P
10.38 GHz to 11.30 GHz MMIC VCO with Half Frequency Output
REV. 0
HMC510LP5 AD-HMC510LP5 Datasheet
376Kb / 6P
MMIC VCO WITH HALF FREQUENCY OUTPUT 8.45 - 9.55 GHz
HMC511LP5 AD-HMC511LP5 Datasheet
416Kb / 6P
MMIC VCO WITH HALF FREQUENCY OUTPUT 9.05 - 10.15 GHz
HMC530LP5 AD-HMC530LP5 Datasheet
362Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.5 - 10.8 GHz
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com