Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC512LP5 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC512LP5
Description  MMIC VCO WITH HALF FREQUENCY OUTPUT 9.6 - 10.8 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC512LP5 Datasheet(HTML) 1 Page - Analog Devices

  HMC512LP5 Datasheet HTML 1Page - Analog Devices HMC512LP5 Datasheet HTML 2Page - Analog Devices HMC512LP5 Datasheet HTML 3Page - Analog Devices HMC512LP5 Datasheet HTML 4Page - Analog Devices HMC512LP5 Datasheet HTML 5Page - Analog Devices HMC512LP5 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
HMC512LP5/LP5E
v06.0114
MMIC VCO WITH HALF FREQUENCY OUTPUT
9.6 - 10.8 GHz
General Description
Features
Functional Diagram
The HMC512LP5 & HMC512LP5E are GaAs InGaP
Heterojunction Bipolar Transistor (HBT) MMIC VCOs.
The HMC512LP5 & HMC512LP5E integrate resona-
tors, negative resistance devices, varactor diodes
and feature half frequency and divide-by-4 outputs.
The VCO’s phase noise performance is excellent over
temperature, shock, and process due to the oscilla-
tor’s monolithic structure. Power output is +9 dBm
typical from a +5V supply voltage. The prescaler and
RF/2 functions can be disabled to conserve current if
not required. The voltage controlled oscillator is pack-
aged in a leadless QFN 5x5 mm surface mount pack-
age, and requires no external matching components.
Triple Output: Fo = 9.6 - 10.8 GHz
Fo/2 = 4.8 - 5.4 GHz
Fo/4 = 2.4 - 2.7 GHz
Pout: +9 dBm
Phase Noise: -110 dBc/Hz @100 kHz Typ.
No External Resonator Needed
32 Lead 5 x 5 mm SMT Package: 25 mm²
Typical Applications
Low noise MMIC VCO w/Half Frequency, Divide-by-4
Outputs for:
• Point to Point/Multipoint Radio
• Test Equipment & Industrial Controls
• SATCOM
• Military End-Use
Electrical Specifications, T
A = +25° C, Vcc (Dig), Vcc (Amp), Vcc (RF) = +5V
Parameter
Min.
Typ.
Max.
Units
Frequency Range
Fo
Fo/2
9.6 - 10.8
4.8 - 5.4
GHz
GHz
Power Output
RFOUT
RFOUT/2
RFOUT/4
+3
+6
-8
+15
+14
-3
dBm
dBm
dBm
SSB Phase Noise @ 100 kHz Offset,
Vtune= +5V @ RFOUT
-110
dBc/Hz
Tune Voltage
Vtune
2
13
V
Supply Current
Icc(Dig) + Icc(Amp) + Icc(RF)
250
330
370
mA
Tune Port Leakage Current (Vtune= 12V)
10
µA
Output Return Loss
3
dB
Harmonics/Subharmonics
1/2
2nd
3rd
33
25
35
dBc
dBc
dBc
Pulling (into a 2.0:1 VSWR)
5
MHz pp
Pushing @ Vtune= 5V
30
MHz/V
Frequency Drift Rate
1.2
MHz/°C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC512LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC512LP5 HITTITE-HMC512LP5 Datasheet
430Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.6 - 10.8 GHz
HMC512LP5 HITTITE-HMC512LP5 Datasheet
320Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.6 - 10.8 GHz
HMC512LP5E HITTITE-HMC512LP5E Datasheet
430Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.6 - 10.8 GHz
HMC512LP5E HITTITE-HMC512LP5E Datasheet
320Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.6 - 10.8 GHz
HMC512LP5 HITTITE-HMC512LP5_11 Datasheet
430Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.6 - 10.8 GHz
More results

Similar Description - HMC512LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC512LP5 HITTITE-HMC512LP5 Datasheet
320Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.6 - 10.8 GHz
HMC530LP5 HITTITE-HMC530LP5 Datasheet
320Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.5 - 10.8 GHz
HMC512LP5 HITTITE-HMC512LP5_11 Datasheet
430Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.6 - 10.8 GHz
HMC530LP5 HITTITE-HMC530LP5_11 Datasheet
344Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.5 - 10.8 GHz
logo
Analog Devices
HMC1160 AD-HMC1160 Datasheet
236Kb / 10P
MMIC VCO with Half Frequency Output, 8.45 GHz to 9.30 GHz
REV. A
HMC1162 AD-HMC1162 Datasheet
245Kb / 11P
9.25 GHz to 10.10 GHz MMIC VCO with Half Frequency Output
REV. A
HMC1164 AD-HMC1164 Datasheet
233Kb / 10P
10.38 GHz to 11.30 GHz MMIC VCO with Half Frequency Output
REV. 0
HMC510LP5 AD-HMC510LP5 Datasheet
376Kb / 6P
MMIC VCO WITH HALF FREQUENCY OUTPUT 8.45 - 9.55 GHz
HMC511LP5 AD-HMC511LP5 Datasheet
416Kb / 6P
MMIC VCO WITH HALF FREQUENCY OUTPUT 9.05 - 10.15 GHz
HMC530LP5 AD-HMC530LP5 Datasheet
362Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.5 - 10.8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com