Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK6809 Datasheet (PDF) - First Silicon Co., Ltd

FTK6809 Datasheet PDF - First Silicon Co., Ltd
Part # FTK6809
Download  FTK6809 Download
File Size   579.8 Kbytes
Page   5 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description 60V Dual P-Channel MOSFETs

FTK6809 Datasheet (PDF)

Go To PDF Page Download Datasheet
FTK6809 Datasheet PDF - First Silicon Co., Ltd

Part # FTK6809
Download  FTK6809 Click to download

File Size   579.8 Kbytes
Page   5 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description 60V Dual P-Channel MOSFETs

FTK6809 Datasheet (HTML) - First Silicon Co., Ltd




Similar Part No. - FTK6809

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK603NP FS-FTK603NP Datasheet
498Kb / 8P
60V NP Dual Channel MOSFETs
FTK60N04D FS-FTK60N04D Datasheet
347Kb / 4P
N-Channel Power MOSFET
FTK60P05S FS-FTK60P05S Datasheet
460Kb / 4P
P-Channel Enhancement Mode Power MOSFET
FTK6207SP FS-FTK6207SP Datasheet
1Mb / 6P
12V, 4.0 mΩ, 8.5A, Dual N-Channel
2020.10.05
FTK6303 FS-FTK6303 Datasheet
1,021Kb / 5P
Dual P-CH 60V Fast Switching MOSFETs
More results


Similar Description - FTK6809

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS69P05 BWTECH-MS69P05 Datasheet
644Kb / 6P
60V P-Channel MOSFETs
logo
First Silicon Co., Ltd
FTK2P7002S FS-FTK2P7002S Datasheet
1Mb / 5P
60V P-Channel MOSFETs
FTK6710 FS-FTK6710 Datasheet
1Mb / 6P
60V NP Dual Channel MOSFETs
FTK6903D FS-FTK6903D Datasheet
808Kb / 5P
60V P-Channel MOSFETs
FTK6905P FS-FTK6905P Datasheet
973Kb / 5P
60V P-Channel MOSFETs
FTK6907Z FS-FTK6907Z Datasheet
997Kb / 5P
60V P-Channel MOSFETs
FTK6911 FS-FTK6911 Datasheet
923Kb / 5P
60V P-Channel MOSFETs
FTK6965AP FS-FTK6965AP Datasheet
1Mb / 5P
60V P-Channel MOSFETs
FTK603NP FS-FTK603NP Datasheet
498Kb / 8P
60V NP Dual Channel MOSFETs
FTK6901D FS-FTK6901D Datasheet
1,004Kb / 5P
60V P-Channel MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com