Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP-20BJ Datasheet (PDF) - Analog Devices

OP-20BJ Datasheet PDF - Analog Devices
Part # OP-20BJ
Download  OP-20BJ Download
File Size   290.93 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micropower Operational Amplifier Single or Dual Supply

OP-20BJ Datasheet (PDF)

Go To PDF Page Download Datasheet
OP-20BJ Datasheet PDF - Analog Devices

Part # OP-20BJ
Download  OP-20BJ Click to download

File Size   290.93 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micropower Operational Amplifier Single or Dual Supply

OP-20BJ Datasheet (HTML) - Analog Devices


OP-20BJ Product details

GENERAL DESCRIPTION
The OP-20 is a monolithic micropower operational amplifier that can be operated from a single power supply of +5V to +30V, or from dual supplies of ±2.5V to ±15V. The input voltage range extends to the negative rail, therefore input signals down to zero volts can be accomodated when operating from a single supply.

FEATURES
• Low Supply Current.. . .. , . .. , .. .. .  .. .. .  . .. . 55μA Max
• Single-Supply Operation.. . ,.. . . .. . .. . ..  .. .. . +5V to +30V
• Dual-Supply Operation. . . . . . . . . . . . . . . . . . .±2.5V to ±15V
• Low Input Offset Voltage. . . . . . . . . . . . . . . . .. 250μV Max
• Low Input Offset Voltage Drift . . . . . . . . . . . . .. 1.5μV/°C Max
• High Common-Mode Input Range . . . . . .. . .. .. V- to V+(-1.5V)
• Hlgh CMRR and PSRR . . . . . . . . . . . . .  .. .. . .. 100dB Mln
• High Open-Loop Gain . . . . . . . . . . . . . . . .  .. ... 120dB MIn
• No External Components Required
• 741 Pinout and Nulling
• Available in Die Form




Similar Part No. - OP-20BJ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-20 AD-OP-20 Datasheet
1Mb / 6P
MICROPOWER OPERATIONAL AMPLIFIER SINGLE OR DUAL SUPPLY
OP-200 AD-OP-200 Datasheet
602Kb / 10P
DUAL LOW OFFSET, LOW POWER OPERATIONAL AMPLIFIER
OP-200ARC AD-OP-200ARC Datasheet
602Kb / 10P
DUAL LOW OFFSET, LOW POWER OPERATIONAL AMPLIFIER
OP-200AZ AD-OP-200AZ Datasheet
602Kb / 10P
DUAL LOW OFFSET, LOW POWER OPERATIONAL AMPLIFIER
OP-200EZ AD-OP-200EZ Datasheet
602Kb / 10P
DUAL LOW OFFSET, LOW POWER OPERATIONAL AMPLIFIER
More results


Similar Description - OP-20BJ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-221 AD-OP-221 Datasheet
362Kb / 8P
DUAL LOW POWER OPERATIONAL AMPLIFIER, SINGLE OR DUAL SUPPLY
OP221 AD-OP221 Datasheet
193Kb / 12P
Dual Low Power Operational Amplifier, Single or Dual Supply
09/01-Data Sheet changed from REV. 0 to REV. A.
OP777 AD-OP777 Datasheet
162Kb / 12P
Precision Micropower Single Supply Operational Amplifier
REV.0
logo
Burr-Brown (TI)
OPA4243 BURR-BROWN-OPA4243 Datasheet
97Kb / 7P
Quad OPERATIONAL AMPLIFIER MicroPOWER, Single-Supply
logo
Texas Instruments
OPA4243 TI-OPA4243_13 Datasheet
668Kb / 12P
Quad OPERATIONAL AMPLIFIER MicroPOWER, Single-Supply
logo
Analog Devices
OP221GZ AD-OP221GZ Datasheet
287Kb / 12P
Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
OP221GSZ AD-OP221GSZ Datasheet
890Kb / 12P
Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
OP-20 AD-OP-20_15 Datasheet
1Mb / 6P
MICROPOWER OPERATIONAL AMPLIFIER SINGLE OR DUAL SUPPLY
OP-21 AD-OP-21_15 Datasheet
1Mb / 6P
LOW POWER OPERATIONAL AMPLIFIER SINGLE OR DUAL SUPPLY
OP221 AD-OP221_15 Datasheet
890Kb / 12P
Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com