Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D765 Datasheet (PDF) - NEC

D765 Datasheet PDF - NEC
Part # D765
Download  D765 Download
File Size   333.07 Kbytes
Page   17 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description Single/Double Density Floppy-Disk Controller

D765 Datasheet (PDF)

Go To PDF Page Download Datasheet
D765 Datasheet PDF - NEC

Part # D765
Download  D765 Click to download

File Size   333.07 Kbytes
Page   17 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description Single/Double Density Floppy-Disk Controller

D765 Datasheet (HTML) - NEC


D765 Product details

Description

The uPD765A/B is an LSI floppy disk controller (FDC) chip which contains the circuitry and control functions for interfacing a processor to 4 floppy disk drives. It is capableof either IBM 3740 single density format (FM), or IBM System 34 double density format (MFM) including double-sided recording. The uPD765A/B provides control signals which simplify the design of an external

phase-locked loop and write precompensation circuitry. The FDC simplifies and handles most of the burdens as sociated with implementing a floppy disk interface.



Features

Address mark detection circuitry is internal to the FDC which simplifies the phase-locked loop and read electronics. The track stepping rate, head load time, and head unload time are user-programmable. The uPD765A/uPD765B offers additional features such as multi-track and multi-side read and write commands and single and double density capabilities.



FM, MFM Control

Variable recording length: 128,256, .8192 bytes/sector

IBM-compatible format (single- and double sided, single- and double-density)

Multi-sector and multi-track transfer capability

Drive up to 4 floppy or micro floppydisk drives

Data scan capability-will scan a single sector or an entire cylinder comparing byte-for-byte host memory and disk data

Data transfers in DMA or non-DMA mode

Parallel seek operations on up to four drives

Compatible with uPD8080/85, uPD8086/88, V-series and uPD780 (Z80@) microprocessors

Single-phase clock: 8 MHz maximum 3 +5V only




 




Similar Part No. - D765

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D76 ETC1-D76 Datasheet
650Kb / 6P
32 Pin DIP 6-Pole Filters
logo
Tyco Electronics
D76139-000 MACOM-D76139-000 Datasheet
1Mb / 42P
RAYCHEM Tubing Products
logo
Hitachi Semiconductor
D768 HITACHI-D768 Datasheet
36Kb / 6P
Silicon NPN Epitaxial
logo
Frequency Devices, Inc.
D76H6B FREQUENCYDEVICES-D76H6B Datasheet
877Kb / 6P
32 Pin DIP 6-Pole Filters
logo
List of Unclassifed Man...
D76H6B-2.50KHZ ETC1-D76H6B-2.50KHZ Datasheet
650Kb / 6P
32 Pin DIP 6-Pole Filters
More results


Similar Description - D765

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
FLOPPY DISK CONTROLLER
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
Floppy Disk Controller
logo
Toshiba Semiconductor
TC8566AF TOSHIBA-TC8566AF Datasheet
1Mb / 67P
FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
Floppy Disk Controller
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
Floppy Disk Controller
Rev. 02-16-07
logo
List of Unclassifed Man...
FDC9267 ETC2-FDC9267 Datasheet
1Mb / 16P
SINGLE/DOUBLE DENSITY FLOPPY DISK CONTROLLER WITH HIGH PERFORMANCE ANALOG DATA SEPARATOR
FDC9266 ETC2-FDC9266 Datasheet
1Mb / 16P
SINGLE/DOUBLE DENSITY ENHANCED FLOPPY DISK CONTROLLER
logo
UMC Corporation
UM8388 UMC-UM8388 Datasheet
760Kb / 12P
Single-Chip floppy disk controller
UM8397 UMC-UM8397 Datasheet
1Mb / 17P
Single-Chip floppy disk controller
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com