Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82078 Datasheet (PDF) - Intel Corporation

82078 Datasheet PDF - Intel Corporation
Part # 82078
Download  82078 Download
File Size   70.15 Kbytes
Page   3 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description FLOPPY DISK CONTROLLER

82078 Datasheet (PDF)

Go To PDF Page Download Datasheet
82078 Datasheet PDF - Intel Corporation

Part # 82078
Download  82078 Click to download

File Size   70.15 Kbytes
Page   3 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description FLOPPY DISK CONTROLLER

82078 Datasheet (HTML) - Intel Corporation


82078 Product details

The 82078 Product Family brings a set of enhanced floppy disk controllers. These include several features that allow for easy implementation in both the portable and desktop market. The current family includes a 64 pin and a 44 pin part in the smaller form factor QFP package. The 3.3V version of the 64 pin part provides an ideal solution for the rapidly emerging 3.3V platforms. It also allows for a 5.0V tolerant floppy drive interface that lets the users retain their normal 5.0V drives. Another version of the 64 pin part provides support for 2 Mbps data rate tape drives.

Small Footprint and Low Height Packages
Supports Standard 5.0V as Well as Low Voltage 3.3V Platforms
   -  Selectable 3.3V and 5.0V Configuration
   -  5.0V Tolerant Drive Interface
Enhanced Power Management
   -  Application Software Transparency
   -  Programmable Powerdown Command
   -  Save and Restore Commands for 0V Powerdown
   -  Auto Powerdown and Wakeup Modes
   -  Two External Power Management Pins
   -  Consumes No Power While in Powerdown
Programmable Internal Oscillator
Floppy Drive Support Features
   -  Drive Specification Command
   -  Media ID Capability Provides Media Recognition
   -  Drive ID Capability Allows the User to Recognize the Type of Drive
   -  Selectable Boot Drive
   -  Standard IBM and ISO Format Features
   -  Format with Write Command for High Performance in Mass Floppy Duplication
Integrated Host/Disk Interface Drivers
Integrated Analog Data Separator
   -  250 Kbits/sec
   -  300 Kbits/ sec
   -  500 Kbits/ sec
   -  1 Mbits/sec
   -  2 Mbits/sec
Integrated Tape Drive Support
   -  Standard 1 Mbps/500 Kbps/250 Kbps Tape Drives
   -  New 2 Mbps Tape Drive Mode
Perpendicular Recording Support for 4 MB Drives
Fully Decoded Drive Select and Motor Signals
Programmable Write Precompensation Delays
Addresses 256 Tracks Directly, Supports Unlimited Tracks
16 Byte FIFO
Single-Chip Floppy Disk Controller Solution for Portables and Desktops
   -  100% PC-AT* Compatible
   -  100% PS/2* Compatible
   -  100% PS/2 Model 30 Compatible
   -  Fully Compatible with Intel’s 386SL Microprocessor SuperSet
   -  Integrated Drive and Data Bus Buffers
Available in 64 Pin QFP and 44 Pin QFP Package




Similar Part No. - 82078

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8207884 FESTO-8207884 Datasheet
75Kb / 2P
Soft gripper
8207885 FESTO-8207885 Datasheet
76Kb / 2P
Soft gripper
8207889 FESTO-8207889 Datasheet
76Kb / 2P
Soft gripper
More results


Similar Description - 82078

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM82C765B HYNIX-GM82C765B Datasheet
222Kb / 36P
FLOPPY DISK SUBSYSTEM CONTROLLER
logo
List of Unclassifed Man...
WD76C20 ETC-WD76C20 Datasheet
2Mb / 55P
FLOPPY DISK CONTROLLER PORTION
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
FLOPPY DISK CONTROLLER
logo
SMSC Corporation
97CFDC SMSC-97CFDC Datasheet
143Kb / 20P
USB FLOPPY DISK CONTROLLER
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
Floppy Disk Controller
logo
Toshiba Semiconductor
TC8566AF TOSHIBA-TC8566AF Datasheet
1Mb / 67P
FLOPPY DISK CONTROLLER
logo
NEC
UPD72069 NEC-UPD72069 Datasheet
1Mb / 23P
UPD72069 Floppy-Disk Controller
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
Floppy Disk Controller
USB97CFDC2-01 SMSC-USB97CFDC2-01 Datasheet
167Kb / 24P
USB Floppy Disk Controller
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
Floppy Disk Controller
Rev. 02-16-07
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com