Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

97CFDC Datasheet (PDF) - SMSC Corporation

97CFDC Datasheet PDF - SMSC Corporation
Part # 97CFDC
Download  97CFDC Download
File Size   143.34 Kbytes
Page   20 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description USB FLOPPY DISK CONTROLLER

97CFDC Datasheet (PDF)

Go To PDF Page Download Datasheet
97CFDC Datasheet PDF - SMSC Corporation

Part # 97CFDC
Download  97CFDC Click to download

File Size   143.34 Kbytes
Page   20 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description USB FLOPPY DISK CONTROLLER

97CFDC Datasheet (HTML) - SMSC Corporation


97CFDC Product details

GENERAL DESCRIPTION
The USB97CFDC is an integration of the USB97C102 Enhanced Multi-Endpoint USB Peripheral Controller, without its integrated hub functions, and the SMSC Floppy Disk Controller used in many of its Super IO products, such as the FDC37C869. Special care in the interconnection of the two devices has been taken to assure the lowest possible system current draw (<300µA) during SUSPEND mode operation.

FEATURES
■ 3.3 Volt, Low Power Operation
■ Complete USB Specification 1.1 Compatibility
   - Includes USB Transceiver
   - Based on an Enhanced Version of SMSC’s Industry Proven USB97C100 USB Controller
■ Complete System Solution Including USB Mass Storage Class Compliant Win98/2000 Driver and Firmware
   - Supports 640K, 720K, 1.44M, 1.2M Windows 98 J, and 1.2M NEC DOS 6.x Formats
   - Supports Both the UFI and SFF8070i Command Sets
   - Supports USB Mass Storage Compliant Bootable Floppy BIOS
   - 4ms Seek Times
   - USB 1.1 Compliance, Including Low Power Device Class SUSPEND Mode Operation and Power Control of Disk Drive
   - Disk Drive Feedback of Readiness Upon Power Re-Application Option
   - Option for Ultra High Performance Using Additional Caching SRAM
   - Support for Floppy Drive Power Control
■ Contains SMSC’s Industry Proven Floppy Disk Controller
   - Licensed CMOS 765B Floppy Disk Controller
   - Supports Single Normal or Three Mode Floppy Drives
   - Supports Vertical Recording Format and High Capacity Drives in User Written Firmware Applications
   - Detects All Overrun and Underrun Conditions
   - Sophisticated Power Control Circuitry (PCC) Including Multiple Powerdown Modes for Reduced Power Consumption
■ Enhanced Digital Data Separator
   - 1 Mbps, 500 Kbps, 300 Kbps, 250 Kbps Data Rates
   - Programmable Precompensation Modes
■ Intelligent Auto Power Management
   - <300µA SUSPEND Current
   - <75mA Operating Current
■ External Program Memory Interface
   - 32K Byte Code Space (Supplied Firmware Requires 16KB Memory)
   - Flash, SRAM, or EPROM Memory
■ 4KB Internal Buffer SRAM for High Performance Operation
■ Optional External Cache Memory
   - Up to 16K x 8 External SRAM may be Used for Custom Tape/ Drive Applications
■ Integrated 14.318 MHz Crystal Driver Circuit
■ 100 pin TQFP package (12.0 x 12.0 mm footprint)
   - 25% smaller body size than other 100 pin TQFP packages




Similar Part No. - 97CFDC

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
97C06SR GRAYHILL-97C06SR Datasheet
47Kb / 1P
Half Pitch DIP Switches
97C06SRTRT GRAYHILL-97C06SRTRT Datasheet
351Kb / 1P
Surface Mount DIP Switches
97C08SRT GRAYHILL-97C08SRT Datasheet
110Kb / 1P
Half the Size of Standard DIP Switches
97C08ST GRAYHILL-97C08ST Datasheet
110Kb / 1P
Half Pitch DIP Switches
logo
Hynix Semiconductor
97C2051 HYNIX-97C2051 Datasheet
254Kb / 39P
8-Bit CMOS Microcontorller
More results


Similar Description - 97CFDC

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM82C765B HYNIX-GM82C765B Datasheet
222Kb / 36P
FLOPPY DISK SUBSYSTEM CONTROLLER
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
WD76C20 ETC-WD76C20 Datasheet
2Mb / 55P
FLOPPY DISK CONTROLLER PORTION
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
Floppy Disk Controller
logo
Toshiba Semiconductor
TC8566AF TOSHIBA-TC8566AF Datasheet
1Mb / 67P
FLOPPY DISK CONTROLLER
logo
NEC
UPD72069 NEC-UPD72069 Datasheet
1Mb / 23P
UPD72069 Floppy-Disk Controller
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
Floppy Disk Controller
USB97CFDC2-01 SMSC-USB97CFDC2-01 Datasheet
167Kb / 24P
USB Floppy Disk Controller
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
Floppy Disk Controller
Rev. 02-16-07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com