Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1166LP5E Datasheet (PDF) - Analog Devices

HMC1166LP5E Datasheet PDF - Analog Devices
Part # HMC1166LP5E
Download  HMC1166LP5E Download
File Size   270.87 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 11.41 GHz to 12.62 GHz MMIC VCO with Half Frequency Output

HMC1166LP5E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC1166LP5E Datasheet PDF - Analog Devices

Part # HMC1166LP5E
Download  HMC1166LP5E Click to download

File Size   270.87 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 11.41 GHz to 12.62 GHz MMIC VCO with Half Frequency Output

HMC1166LP5E Datasheet (HTML) - Analog Devices




Similar Part No. - HMC1166LP5E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1160 AD-HMC1160 Datasheet
236Kb / 10P
MMIC VCO with Half Frequency Output, 8.45 GHz to 9.30 GHz
REV. A
HMC1161 AD-HMC1161 Datasheet
327Kb / 12P
Dual output frequency range
Rev. B
HMC1161LP5E AD-HMC1161LP5E Datasheet
327Kb / 12P
Dual output frequency range
Rev. B
HMC1161LP5ETR AD-HMC1161LP5ETR Datasheet
327Kb / 12P
Dual output frequency range
Rev. B
HMC1162 AD-HMC1162 Datasheet
245Kb / 11P
9.25 GHz to 10.10 GHz MMIC VCO with Half Frequency Output
REV. A
More results


Similar Description - HMC1166LP5E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1160 AD-HMC1160 Datasheet
236Kb / 10P
MMIC VCO with Half Frequency Output, 8.45 GHz to 9.30 GHz
REV. A
HMC1162 AD-HMC1162 Datasheet
245Kb / 11P
9.25 GHz to 10.10 GHz MMIC VCO with Half Frequency Output
REV. A
HMC1164 AD-HMC1164 Datasheet
233Kb / 10P
10.38 GHz to 11.30 GHz MMIC VCO with Half Frequency Output
REV. 0
HMC510LP5 AD-HMC510LP5 Datasheet
376Kb / 6P
MMIC VCO WITH HALF FREQUENCY OUTPUT 8.45 - 9.55 GHz
HMC511LP5 AD-HMC511LP5 Datasheet
416Kb / 6P
MMIC VCO WITH HALF FREQUENCY OUTPUT 9.05 - 10.15 GHz
HMC512LP5 AD-HMC512LP5 Datasheet
381Kb / 6P
MMIC VCO WITH HALF FREQUENCY OUTPUT 9.6 - 10.8 GHz
HMC1167 AD-HMC1167 Datasheet
197Kb / 12P
12.17 GHz to 13.33 GHz MMIC VCO with Half Frequency Output
1/16-Revision 0
HMC1168 AD-HMC1168 Datasheet
320Kb / 12P
12.47 GHz to 13.72 GHz MMIC VCO with Half Frequency Output
12/2017-Rev. 0 to Rev. A
HMC1169 AD-HMC1169 Datasheet
233Kb / 12P
12.92 GHz to 14.07 GHz MMIC VCO with Half Frequency Output
2/2018-Rev. 0 to Rev. A
HMC1163 AD-HMC1163 Datasheet
256Kb / 12P
9.65 GHz to 10.41 GHz MMIC VCO with Half Frequency Output
3/16-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com