Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HO1081 Datasheet (PDF) - RF Monolithics, Inc

HO1081 Datasheet PDF - RF Monolithics, Inc
Part # HO1081
Download  HO1081 Download
File Size   81.8 Kbytes
Page   2 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 1090.0 MHz SAW Oscillator

HO1081 Datasheet (PDF)

Go To PDF Page Download Datasheet
HO1081 Datasheet PDF - RF Monolithics, Inc

Part # HO1081
Download  HO1081 Click to download

File Size   81.8 Kbytes
Page   2 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 1090.0 MHz SAW Oscillator

HO1081 Datasheet (HTML) - RF Monolithics, Inc


HO1081 Product details

The frequency of this oscillator is stabilized by surface-acoustic-wave (SAW) technology. This results in excellent performance from a compact, rugged, hermetically-sealed oscillator operating at the fundamental frequency of 1090.0 MHz. The highly-reliable HO1081 is designed for use in identify-friend-or-foe (IFF) radar transponders in military aviation. Military Screening is available as an option. The HO1081 is a high-performance version of the HO1079 oscillator.

• SAW Frequency Stabilization
• Fundamental-Mode Oscillation at 1090.0 MHz
• Ideal for IFF Transponder Applications




Similar Part No. - HO1081

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
HO1081-3 MURATA-HO1081-3 Datasheet
482Kb / 2P
1090.0 MHz SAW Oscillator
HO1081-4 MURATA-HO1081-4 Datasheet
494Kb / 2P
1090.0 MHz SAW Oscillator
More results


Similar Description - HO1081

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
HO1045 RFM-HO1045 Datasheet
80Kb / 2P
915.0 MHz SAW Oscillator
HO1079 RFM-HO1079 Datasheet
81Kb / 2P
1090.0 MHz SAW Oscillator
HO4001-1 RFM-HO4001-1 Datasheet
79Kb / 2P
1000.0 MHz SAW Oscillator
logo
Oscilent Corporation
863-RF1090.0M-A OSCILENT-863-RF1090.0M-A Datasheet
484Kb / 3P
1090.0 MHz RF SAW Filter
logo
Murata Manufacturing Co...
HO1081-3 MURATA-HO1081-3 Datasheet
482Kb / 2P
1090.0 MHz SAW Oscillator
HO1081-4 MURATA-HO1081-4 Datasheet
494Kb / 2P
1090.0 MHz SAW Oscillator
HO1091 MURATA-HO1091 Datasheet
485Kb / 2P
1090.0 MHz SAW Oscillator
HX1080 MURATA-HX1080 Datasheet
89Kb / 3P
1030.0 MHz SAW Oscillator
HX1081 MURATA-HX1081 Datasheet
417Kb / 3P
1090.0 MHz SAW Oscillator
logo
TAI-SAW TECHNOLOGY CO.,...
TD1090EE-B TAI-SAW-TD1090EE-B Datasheet
259Kb / 4P
SAW Resonator 1090.0 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com