Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HO1300 Datasheet (PDF) - RF Monolithics, Inc

HO1300 Datasheet PDF - RF Monolithics, Inc
Part # HO1300
Download  HO1300 Download
File Size   80.24 Kbytes
Page   2 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 700.0 MHz SAW Oscillator

HO1300 Datasheet (PDF)

Go To PDF Page Download Datasheet
HO1300 Datasheet PDF - RF Monolithics, Inc

Part # HO1300
Download  HO1300 Click to download

File Size   80.24 Kbytes
Page   2 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 700.0 MHz SAW Oscillator

HO1300 Datasheet (HTML) - RF Monolithics, Inc


HO1300 Product details

This general-purpose oscillator is stabilized by surface-acoustic-wave (SAW) technology. Fundamental oscillation at 700.0 MHz eliminates all internally generated spurious outputs except integral harmonics of 700.0 MHz. The compact size of the rugged, metal, hermetically-sealed case makes this oscillator suitable for a variety of applications.

• SAW Frequency Stabilization
• Fundamental-Mode Oscillation at 700.0 MHz
• 0.8” x 0.5” x 0.25” Metal Dip Case




Similar Part No. - HO1300

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
HO1301 RFM-HO1301 Datasheet
80Kb / 2P
750.0 MHz SAW Oscillator
More results


Similar Description - HO1300

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
HO1045 RFM-HO1045 Datasheet
80Kb / 2P
915.0 MHz SAW Oscillator
HO1078 RFM-HO1078 Datasheet
80Kb / 2P
1030.0 MHz SAW Oscillator
HO1324 RFM-HO1324 Datasheet
80Kb / 2P
640.0 MHz SAW Oscillator
HO4001-1 RFM-HO4001-1 Datasheet
79Kb / 2P
1000.0 MHz SAW Oscillator
logo
Murata Manufacturing Co...
HO1080-3 MURATA-HO1080-3 Datasheet
482Kb / 2P
1030.0 MHz SAW Oscillator
HO1091 MURATA-HO1091 Datasheet
485Kb / 2P
1090.0 MHz SAW Oscillator
HO4002-1 MURATA-HO4002-1 Datasheet
70Kb / 2P
400.0 MHz SAW Oscillator
HX1080 MURATA-HX1080 Datasheet
89Kb / 3P
1030.0 MHz SAW Oscillator
HX1081 MURATA-HX1081 Datasheet
417Kb / 3P
1090.0 MHz SAW Oscillator
SC3049B MURATA-SC3049B Datasheet
303Kb / 2P
700.0 MHz Differential Sine-Wave Clock
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com