Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FFSP2065A Datasheet (PDF) - ON Semiconductor

FFSP2065A Datasheet PDF - ON Semiconductor
Part # FFSP2065A
Download  FFSP2065A Download
File Size   294.38 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Silicon Carbide Schottky Diode 650 V, 20 A

FFSP2065A Datasheet (PDF)

Go To PDF Page Download Datasheet
FFSP2065A Datasheet PDF - ON Semiconductor

Part # FFSP2065A
Download  FFSP2065A Click to download

File Size   294.38 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Silicon Carbide Schottky Diode 650 V, 20 A

FFSP2065A Datasheet (HTML) - ON Semiconductor




Similar Part No. - FFSP2065A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FFSP2065B ONSEMI-FFSP2065B Datasheet
269Kb / 6P
Silicon Carbide (SiC) Schottky Diode – EliteSiC, 20 A, 650 V, D2, TO-220-2L
January, 2023 - Rev. 2
More results


Similar Description - FFSP2065A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FFSD2065B ONSEMI-FFSD2065B Datasheet
479Kb / 6P
Silicon Carbide Schottky Diode 650 V, 20 A
January, 2020 ??Rev. 2
FFSH2065BDN-F085 ONSEMI-FFSH2065BDN-F085 Datasheet
321Kb / 6P
Silicon Carbide Schottky Diode, 650 V, 20 A
February, 2019 ??Rev. 4
logo
Littelfuse
LSIC2SD065D20A LITTELFUSE-LSIC2SD065D20A Datasheet
416Kb / 7P
Silicon Carbide Schottky Diode 650 V, 20 A SiC Schottky Barrier Diode
Revised: 2/1/2021
logo
STMicroelectronics
STPSC20H065CWLY STMICROELECTRONICS-STPSC20H065CWLY Datasheet
255Kb / 10P
Automotive 20 A 650 V power Schottky silicon carbide diode
13-Apr-2021
logo
ON Semiconductor
FFSB2065B-F085 ONSEMI-FFSB2065B-F085_V01 Datasheet
326Kb / 6P
Silicon Carbide Schottky Diode 650 V, 20 A
March, 2022 - Rev. 3
FFSD2065B ONSEMI-FFSD2065B_V01 Datasheet
416Kb / 6P
Silicon Carbide Schottky Diode 650 V, 20 A
October, 2020 - Rev. 3
logo
WOLFSPEED, INC.
C6D20065A WOLFSPEED-C6D20065A Datasheet
1Mb / 9P
6th Generation 650 V, 20 A Silicon Carbide Schottky Diode
Rev. 1, April 2023
C6D20065D1 WOLFSPEED-C6D20065D1 Datasheet
930Kb / 8P
6th Generation 650 V, 20 A Silicon Carbide Schottky Diode
Rev. 0, April 2023
C6D20065G WOLFSPEED-C6D20065G Datasheet
870Kb / 8P
6th Generation 650 V, 20 A Silicon Carbide Schottky Diode
Rev. 0, March 2023
C6D20065H WOLFSPEED-C6D20065H Datasheet
952Kb / 8P
6th Generation 650 V, 20 A Silicon Carbide Schottky Diode
Rev. 0, April 2023
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com