Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FFSP2065B Datasheet (PDF) - ON Semiconductor

FFSP2065B Datasheet PDF - ON Semiconductor
Part # FFSP2065B
Download  FFSP2065B Download
File Size   269.8 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Silicon Carbide (SiC) Schottky Diode – EliteSiC, 20 A, 650 V, D2, TO-220-2L

FFSP2065B Datasheet (PDF)

Go To PDF Page Download Datasheet
FFSP2065B Datasheet PDF - ON Semiconductor

Part # FFSP2065B
Download  FFSP2065B Click to download

File Size   269.8 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Silicon Carbide (SiC) Schottky Diode – EliteSiC, 20 A, 650 V, D2, TO-220-2L

FFSP2065B Datasheet (HTML) - ON Semiconductor


FFSP2065B Product details

Features
• Max Junction Temperature 175°C
• Avalanche Rated 94 mJ
• High Surge Current Capacity
• Positive Temperature Coefficient
• Ease of Paralleling
• No Reverse Recovery / No Forward Recovery
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant

Applications
• General Purpose
• SMPS, Solar Inverter, UPS
• Power Switching Circuit




Similar Part No. - FFSP2065B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FFSP2065A ONSEMI-FFSP2065A Datasheet
294Kb / 6P
Silicon Carbide Schottky Diode 650 V, 20 A
January, 2020 ??Rev. 2
More results


Similar Description - FFSP2065B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FFSB0665B ONSEMI-FFSB0665B_V01 Datasheet
334Kb / 6P
Silicon Carbide (SiC) Schottky Diode – EliteSiC, 6A, 650 V, D2, D2PAK-2L
January, 2023 - Rev. 2
FFSB0865B ONSEMI-FFSB0865B_V01 Datasheet
335Kb / 6P
Silicon Carbide (SiC) Schottky Diode – EliteSiC, 8A, 650 V, D2, D2PAK-2L
January, 2023 - Rev. 2
FFSH20120A ONSEMI-FFSH20120A_V01 Datasheet
332Kb / 6P
Silicon Carbide (SiC) Schottky Diode – EliteSiC, 20 A, 1200 V, D1, TO-247-2L
January, 2023 - Rev. 3
NDSH10170A ONSEMI-NDSH10170A Datasheet
304Kb / 6P
Silicon Carbide (SiC) Schottky Diode – EliteSiC,10 A, 1700 V, D1, TO-247-2L
January, 2023 - Rev. 3
FFSH15120A ONSEMI-FFSH15120A_V01 Datasheet
367Kb / 6P
Silicon Carbide (SiC) Schottky Diode – EliteSiC, 15 A, 1200 V, D1, TO-247-2L
January, 2023 - Rev. 3
NDSH25170A ONSEMI-NDSH25170A_V01 Datasheet
357Kb / 6P
Silicon Carbide (SiC) Schottky Diode – EliteSiC, 25 A, 1700 V, D1, TO-247-2L
January, 2023 - Rev. 3
NDSH10120C-F155 ONSEMI-NDSH10120C-F155 Datasheet
292Kb / 6P
Silicon Carbide (SiC) Schottky Diode – EliteSiC, 10 A, 1200 V, D3, TO-247-2L
November, 2023 - Rev. 0
NDSH20120C-F155 ONSEMI-NDSH20120C-F155 Datasheet
292Kb / 6P
Silicon Carbide (SiC) Schottky Diode – EliteSiC, 20 A, 1200 V, D3, TO-247-2L
November, 2023 - Rev. 0
NDSH30120C-F155 ONSEMI-NDSH30120C-F155 Datasheet
321Kb / 6P
Silicon Carbide (SiC) Schottky Diode – EliteSiC, 30 A, 1200 V, D3, TO-247-2L
November, 2023 - Rev. 0
NDSH50120C-F155 ONSEMI-NDSH50120C-F155 Datasheet
211Kb / 6P
Silicon Carbide (SiC) Schottky Diode – EliteSiC, 50 A, 1200 V, D3, TO-247-2L
November, 2023 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com