Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF4L040AT Datasheet (PDF) - Rohm

RF4L040AT Datasheet PDF - Rohm
Part # RF4L040AT
Download  RF4L040AT Download
File Size   2664.67 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Pch -60V -4A Power MOSFET

RF4L040AT Datasheet (PDF)

Go To PDF Page Download Datasheet
RF4L040AT Datasheet PDF - Rohm

Part # RF4L040AT
Download  RF4L040AT Click to download

File Size   2664.67 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Pch -60V -4A Power MOSFET

RF4L040AT Datasheet (HTML) - Rohm




Similar Part No. - RF4L040AT

ManufacturerPart #DatasheetDescription
logo
Rohm
RF4L055GN ROHM-RF4L055GN Datasheet
2Mb / 13P
Nch 60V 5.5A Power MOSFET
More results


Similar Description - RF4L040AT

ManufacturerPart #DatasheetDescription
logo
Rohm
RRH040P03TB1 ROHM-RRH040P03TB1 Datasheet
561Kb / 12P
Pch -30V -4A Power MOSFET
SH8J31 ROHM-SH8J31 Datasheet
2Mb / 14P
-60V Pch Pch Middle Power MOSFET
RRR040P03FRA ROHM-RRR040P03FRA Datasheet
783Kb / 14P
Pch -30V -4A Power MOSFET
RD3L140SPFRA ROHM-RD3L140SPFRA Datasheet
2Mb / 15P
Pch -60V -14A Power MOSFET
SH8JC5 ROHM-SH8JC5 Datasheet
2Mb / 14P
-60V PchPch Power MOSFET
UT6JC5 ROHM-UT6JC5 Datasheet
2Mb / 14P
-60V PchPch Power MOSFET
RQ3L070AT ROHM-RQ3L070AT Datasheet
2Mb / 13P
Pch -60V -25A Power MOSFET
RS1L151AT ROHM-RS1L151AT Datasheet
2Mb / 13P
Pch -60V -56A Power MOSFET
RS3L110AT ROHM-RS3L110AT Datasheet
2Mb / 14P
Pch -60V -11A Power MOSFET
UT6MC5 ROHM-UT6MC5 Datasheet
4Mb / 22P
60V NchPch Power MOSFET
20230126 - Rev.002
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com