Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM4052 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4052 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd
Part # HM4052
Download  HM4052 Download
File Size   1416.45 Kbytes
Page   5 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description 2.5A, 3MHz switching type single cell lithium battery charging circuit

HM4052 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM4052 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4052
Download  HM4052 Click to download

File Size   1416.45 Kbytes
Page   5 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description 2.5A, 3MHz switching type single cell lithium battery charging circuit

HM4052 Datasheet (HTML) - Shenzhen Huazhimei Semiconductor Co., Ltd




Similar Part No. - HM4052

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM4052B HMSEMI-HM4052B Datasheet
919Kb / 5P
2.5A, for 4.35V lithium battery, switch type charging circuit
More results


Similar Description - HM4052

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM4039 HMSEMI-HM4039 Datasheet
1Mb / 11P
5V input two-cell lithium battery boost charging circuit
HM1802 HMSEMI-HM1802 Datasheet
1Mb / 21P
Synchronous switching type 2A lithium battery charging
HM5706 HMSEMI-HM5706 Datasheet
2Mb / 12P
High-precision single-cell lithium battery charging control and dry battery conversion circuit
HM4055E HMSEMI-HM4055E Datasheet
949Kb / 12P
Single-cell lithium iron phosphate battery charging chip
HM4039A HMSEMI-HM4039A Datasheet
985Kb / 11P
5V input three-cell lithium battery boost charging circuit
HM8201A HMSEMI-HM8201A Datasheet
1Mb / 8P
lithium battery size current switching control charging circuit
HM5061 HMSEMI-HM5061 Datasheet
1Mb / 11P
Single-cell 2.5A switching lithium battery management
HM5156H HMSEMI-HM5156H Datasheet
1Mb / 8P
1.4A single-cell lithium-ion and polymer battery linear charging circuit
HM4052B HMSEMI-HM4052B Datasheet
919Kb / 5P
2.5A, for 4.35V lithium battery, switch type charging circuit
HM4051B HMSEMI-HM4051B Datasheet
664Kb / 5P
2.5A, 3MHz switching type single-cell lithium battery charging circuit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com