Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM4052 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4052
Description  2.5A, 3MHz switching type single cell lithium battery charging circuit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4052 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4052 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4052 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4052 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4052 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4052 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
典型的特征曲线
(如无特别注明,环境温度为 TA = 25oC)
50%
55%
60%
65%
70%
75%
80%
85%
90%
95%
100%
0.01
0.1
1
IOUT (A)
Efficiency Vs ISYS Charger Disabled
VIN=4.7V
VIN=5V
VIN=5.5V
VSYS=3.4V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2 2.2 2.4 2.6 2.8 3 3.2 3.4 3.63.8 4 4.2 4.4
VBATT (V)
ICharge Vs VBATT
RISET=0.5K
0
10
20
30
40
50
60
70
80
90
100
0.05
0.55
1.05
1.55
2.05
VBATT (V)
IPre-Charge Vs VBATT
3
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4
0
1
2
3
ISYS (A)
VSYS Vs ISYS
VSYS
3.8
3.81
3.82
3.83
3.84
3.85
3.86
3.87
3.88
3.89
3.9
-50
0
50
100
Temperature(OC)
VSYS Vs Temperature
0
0.5
1
1.5
2
2.5
-50
0
50
100
Temperature(OC)
ICHARGE Vs Temperature
Thermal Foldback
HM4052
4
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com