Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8K2 Datasheet (PDF) - Rohm

SP8K2 Datasheet PDF - Rohm
Part # SP8K2
Download  SP8K2 Download
File Size   59.78 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Switching (30V, 6.0A)

SP8K2 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8K2 Datasheet PDF - Rohm

Part # SP8K2
Download  SP8K2 Click to download

File Size   59.78 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Switching (30V, 6.0A)

SP8K2 Datasheet (HTML) - Rohm


SP8K2 Product details

Features

1) Low on-resistance.

2) Built-in G-S Protection Diode.

3) Small and Surface Mount Package (SOP8).



Application

Power switching, DC / DC converter.




Similar Part No. - SP8K2

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8K2 ROHM-SP8K2 Datasheet
65Kb / 4P
Switching (30V, 6.0A)
logo
VBsemi Electronics Co.,...
SP8K2-TB VBSEMI-SP8K2-TB Datasheet
1Mb / 9P
Dual N-Channel 30-V (D-S) MOSFET
logo
Rohm
SP8K22 ROHM-SP8K22 Datasheet
150Kb / 5P
Switching (45V, 4.5A)
logo
VBsemi Electronics Co.,...
SP8K22-TB VBSEMI-SP8K22-TB Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
Rohm
SP8K22FRA ROHM-SP8K22FRA Datasheet
2Mb / 15P
45V NchNch Power MOSFET
More results


Similar Description - SP8K2

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8K5 ROHM-SP8K5 Datasheet
59Kb / 4P
Switching (30V, 3.5A)
RSS040P03 ROHM-RSS040P03 Datasheet
85Kb / 5P
Switching (-30V,-4.0A)
SP8K4 ROHM-SP8K4 Datasheet
60Kb / 4P
Switching (30V, 9.0A)
SP8K24 ROHM-SP8K24 Datasheet
151Kb / 5P
Switching (45V, 6.0A)
RK9410 ROHM-RK9410 Datasheet
43Kb / 4P
Switching (30V, 7A)
logo
Unisonic Technologies
7P30 UTC-7P30 Datasheet
224Kb / 5P
6.0A, 300V, SWITCHING P-CHANNEL POWER MOSFET
logo
Rohm
SP8K1TB ROHM-SP8K1TB Datasheet
65Kb / 4P
Switching (30V, 5.0A)
SP8K2FU6TB ROHM-SP8K2FU6TB Datasheet
65Kb / 4P
Switching (30V, 6.0A)
logo
MagnaChip Semiconductor...
MDS3651 MGCHIP-MDS3651 Datasheet
852Kb / 6P
Single P-Channel Trench MOSFET, -30V, -6.0A, 35m(ohm)
logo
First Components Intern...
FMT06N30 FCI-FMT06N30 Datasheet
104Kb / 2P
6.0A 30V N-Channel Enhancement-Mode MOSFET
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com