Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5064 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5064 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd
Part # HM5064
Download  HM5064 Download
File Size   1570.65 Kbytes
Page   11 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description High withstand voltage 2.5A synchronous step-down lithium battery charger

HM5064 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM5064 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5064
Download  HM5064 Click to download

File Size   1570.65 Kbytes
Page   11 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description High withstand voltage 2.5A synchronous step-down lithium battery charger

HM5064 Datasheet (HTML) - Shenzhen Huazhimei Semiconductor Co., Ltd




Similar Part No. - HM5064

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM5061 HMSEMI-HM5061 Datasheet
1Mb / 11P
Single-cell 2.5A switching lithium battery management
HM5062 HMSEMI-HM5062 Datasheet
375Kb / 8P
Two Channels Integrated Power Management IC for Handheld Portable Equipment
HM5063 HMSEMI-HM5063 Datasheet
1Mb / 11P
constant current/constant voltage charging for single-cell lithium battery
HM5063A HMSEMI-HM5063A Datasheet
1Mb / 11P
constant current/constant voltage charging for single-cell lithium battery
HM5063F HMSEMI-HM5063F Datasheet
1Mb / 11P
constant current/constant voltage charging for single-cell lithium battery
More results


Similar Description - HM5064

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8610 LINER-LT8610 Datasheet
264Kb / 20P
42V, 2.5A Synchronous Step-Down Regulator
LTC4121 LINER-LTC4121_15 Datasheet
350Kb / 30P
40V 400mA Synchronous Step-Down Battery Charger
LTC4121-4.2 LINER-LTC4121-4.2_15 Datasheet
350Kb / 30P
40V 400mA Synchronous Step-Down Battery Charger
LTC4121 LINER-LTC4121 Datasheet
379Kb / 30P
40V 400mA Synchronous Step-Down Battery Charger
logo
Shenzhenshi YONGFUKANG ...
LI4001 YONGFUKANG-LI4001 Datasheet
473Kb / 7P
2A switch step-down type 4.2V lithium battery charger
logo
Shenzhen Huazhimei Semi...
HM4058DR HMSEMI-HM4058DR Datasheet
879Kb / 9P
High withstand voltage 1A linear lithium ion battery charger
HM8064 HMSEMI-HM8064 Datasheet
937Kb / 7P
High withstand voltage 0.6 linear lithium ion battery charger
HM5052B HMSEMI-HM5052B Datasheet
627Kb / 11P
3A synchronous step-down lithium battery charging IC
HM4050C HMSEMI-HM4050C Datasheet
742Kb / 11P
2A synchronous step-down lithium battery charging circuit
HM5052 HMSEMI-HM5052 Datasheet
793Kb / 10P
Synchronous step-down lithium battery charging circuit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com