Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62371GP Datasheet (PDF) - Mitsubishi Electric Semiconductor

M62371GP Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M62371GP
Download  M62371GP Download
File Size   166.96 Kbytes
Page   5 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 3V TYPE 8-BIT 36CH SELECTOR SW BUILT-IN D-A CONVERTER WITH BUFFER AMPLIFIERS?

M62371GP Datasheet (PDF)

Go To PDF Page Download Datasheet
M62371GP Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M62371GP
Download  M62371GP Click to download

File Size   166.96 Kbytes
Page   5 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 3V TYPE 8-BIT 36CH SELECTOR SW BUILT-IN D-A CONVERTER WITH BUFFER AMPLIFIERS?

M62371GP Datasheet (HTML) - Mitsubishi Electric Semiconductor


M62371GP Product details

Description
The M62371GP is a CMOS semiconductor IC, containing 36 channels of 8-bit D/A converters. It is operable with a
low supply voltage between 2.7 to 3.6 V, and is easy to use due to serial data input, and 3-pin (DI, CLK, LD)
connection with microcomputer. The IC also contains DO pin terminal, enabling cascade connection, and therefore is suitable for automatic control in combination with a microcomputer. (M62371GP is an advanced product of M62370GP on its buffer amp. drivability.)

Features
• Operable with a low voltage between 2.7 ~ 3.6 V
• 16-bit serial data input (connected via 3 pins: DI, CLK, LD)
• 36 channels built-in of 8-bit D-A converter
• 6 channels of D-A converters capable of selecting and outputting 4 data stored in each converter, through 2 control terminals

Application
   Digital/analog conversion in industrial or home-use electronic equipment
   Automatic control in combination with EEPROM and microcomputer (Substitute for conventional semi-fixed resistor)




Similar Part No. - M62371GP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62371GP RENESAS-M62371GP Datasheet
114Kb / 9P
3 V Type 8-bit 36ch Selector SW Built-in D/A Converter with Buffer Amplifiers
More results


Similar Description - M62371GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62366GP MITSUBISHI-M62366GP Datasheet
50Kb / 5P
3V TYPE 8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62367GP MITSUBISHI-M62367GP Datasheet
45Kb / 5P
3V TYPE 8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62368GP MITSUBISHI-M62368GP Datasheet
45Kb / 5P
3V TYPE 8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62370GP MITSUBISHI-M62370GP Datasheet
72Kb / 5P
3V TYPE 8-BIT 36CH SELECTOR SW BUILT-IN D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62354AGP RENESAS-M62354AGP Datasheet
99Kb / 9P
8-bit 6ch D/A Converter with Buffer Amplifiers
M62370GP RENESAS-M62370GP Datasheet
133Kb / 9P
3 V Type 8-bit 36ch Selector SW Built-in D/A Converter with Buffer Amplifiers
M62371GP RENESAS-M62371GP Datasheet
114Kb / 9P
3 V Type 8-bit 36ch Selector SW Built-in D/A Converter with Buffer Amplifiers
R2A20164NP RENESAS-R2A20164NP Datasheet
355Kb / 9P
8-bit 4ch D/A Converter with Buffer Amplifiers
R2A20166NP RENESAS-R2A20166NP Datasheet
353Kb / 9P
8-bit 6ch D/A Converter with Buffer Amplifiers
R2A20169NP RENESAS-R2A20169NP_13 Datasheet
299Kb / 10P
8-bit 12ch D/A Converter with Buffer Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com