Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62370GP Datasheet (PDF) - Renesas Technology Corp

M62370GP Datasheet PDF - Renesas Technology Corp
Part # M62370GP
Download  M62370GP Download
File Size   133.64 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3 V Type 8-bit 36ch Selector SW Built-in D/A Converter with Buffer Amplifiers

M62370GP Datasheet (PDF)

Go To PDF Page Download Datasheet
M62370GP Datasheet PDF - Renesas Technology Corp

Part # M62370GP
Download  M62370GP Click to download

File Size   133.64 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3 V Type 8-bit 36ch Selector SW Built-in D/A Converter with Buffer Amplifiers

M62370GP Datasheet (HTML) - Renesas Technology Corp


M62370GP Product details

Description
The M62370GP is a CMOS semiconductor IC, containing 36 channels of 8-bit D/A converters. It is operable with a low supply voltage between 2.7 to 3.6 V, and is easy to use due to serial data input, and 3-pin (DI, CLK, LD) connection with microcomputer.
The IC also contains DO pin terminal, enabling cascade connection, and therefore is suitable for automatic control in
combination with a microcomputer.

Features
• Operable with a low voltage between 2.7 to 3.6 V
• 16-bit serial data input (connected via 3 pins: DI, CLK, LD)
• 36 channels built-in of 8-bit D/A converter
• 6 channels of D/A converters capable of selecting and outputting 4 data stored in each converter, through 2 control terminals

Application
   Digital/analog conversion in industrial or home-use electronic equipment.
   Automatic control in combination with EEPROM and microcomputer (Substitute for conventional semi-fixed resistor).




Similar Part No. - M62370GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62370GP MITSUBISHI-M62370GP Datasheet
72Kb / 5P
3V TYPE 8-BIT 36CH SELECTOR SW BUILT-IN D-A CONVERTER WITH BUFFER AMPLIFIERS
More results


Similar Description - M62370GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62366GP MITSUBISHI-M62366GP Datasheet
50Kb / 5P
3V TYPE 8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62367GP MITSUBISHI-M62367GP Datasheet
45Kb / 5P
3V TYPE 8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62368GP MITSUBISHI-M62368GP Datasheet
45Kb / 5P
3V TYPE 8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62370GP MITSUBISHI-M62370GP Datasheet
72Kb / 5P
3V TYPE 8-BIT 36CH SELECTOR SW BUILT-IN D-A CONVERTER WITH BUFFER AMPLIFIERS
M62371GP MITSUBISHI-M62371GP Datasheet
166Kb / 5P
3V TYPE 8-BIT 36CH SELECTOR SW BUILT-IN D-A CONVERTER WITH BUFFER AMPLIFIERS?
logo
Renesas Technology Corp
M62354AGP RENESAS-M62354AGP Datasheet
99Kb / 9P
8-bit 6ch D/A Converter with Buffer Amplifiers
M62366GP RENESAS-M62366GP Datasheet
132Kb / 8P
3 V Type 8-bit 12ch D/A Converter with Buffer Amplifiers
M62367GP RENESAS-M62367GP Datasheet
121Kb / 8P
3 V Type 8-bit 8ch D/A Converter with Buffer Amplifiers
M62368GP RENESAS-M62368GP Datasheet
90Kb / 8P
3 V Type 8-bit 6ch D/A Converter with Buffer Amplifiers
M62371GP RENESAS-M62371GP Datasheet
114Kb / 9P
3 V Type 8-bit 36ch Selector SW Built-in D/A Converter with Buffer Amplifiers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com