Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62368GP Datasheet (PDF) - Renesas Technology Corp

M62368GP Datasheet PDF - Renesas Technology Corp
Part # M62368GP
Download  M62368GP Download
File Size   90.93 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3 V Type 8-bit 6ch D/A Converter with Buffer Amplifiers

M62368GP Datasheet (PDF)

Go To PDF Page Download Datasheet
M62368GP Datasheet PDF - Renesas Technology Corp

Part # M62368GP
Download  M62368GP Click to download

File Size   90.93 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3 V Type 8-bit 6ch D/A Converter with Buffer Amplifiers

M62368GP Datasheet (HTML) - Renesas Technology Corp


M62368GP Product details

Description
The M62368GP is a CMOS semiconductor IC, containing 6 channels of 8-bit D/A converters. It is operable with a low supply voltage between 2.7 to 3.6 V, and is easy to use due to serial data input, and 3-pin (DI, CLK, LD) connection with microcomputer.
The IC also contains DO pin terminal, enabling cascade connection, and therefore is suitable for automatic control in combination with a microcomputer.

Features
• Operable with a low voltage between 2.7 to 3.6 V
• 12-bit serial data input (connected via 3 pins: DI, CLK, LD)
• 6 channels of R-2R and segment type high-performance 8-bit D/A converters
• 6 buffer operational amplifiers with full swing of output voltage between VCC and GND
• High oscillation stability against the capacitive load of buffer operational amplifiers

Application
    Digital/analog conversion in industrial or home-use electronic equipment.
    Automatic control in combination with EEPROM and microcomputer (Substitute for conventional semi-fixed resistor).




Similar Part No. - M62368GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62368GP MITSUBISHI-M62368GP Datasheet
45Kb / 5P
3V TYPE 8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS
More results


Similar Description - M62368GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62354P MITSUBISHI-M62354P Datasheet
53Kb / 6P
8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62361FP MITSUBISHI-M62361FP Datasheet
93Kb / 8P
8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62368GP MITSUBISHI-M62368GP Datasheet
45Kb / 5P
3V TYPE 8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62354AGP RENESAS-M62354AGP Datasheet
99Kb / 9P
8-bit 6ch D/A Converter with Buffer Amplifiers
M62354P RENESAS-M62354P Datasheet
136Kb / 10P
8-bit 6ch D/A Converter with Buffer Amplifiers
M62366GP RENESAS-M62366GP Datasheet
132Kb / 8P
3 V Type 8-bit 12ch D/A Converter with Buffer Amplifiers
M62367GP RENESAS-M62367GP Datasheet
121Kb / 8P
3 V Type 8-bit 8ch D/A Converter with Buffer Amplifiers
R2A20166NP RENESAS-R2A20166NP Datasheet
353Kb / 9P
8-bit 6ch D/A Converter with Buffer Amplifiers
R2A20166NPSA RENESAS-R2A20166NPSA_15 Datasheet
353Kb / 9P
8-bit 6ch D/A Converter with Buffer Amplifiers
M62354P RENESAS-M62354P_15 Datasheet
122Kb / 10P
8-bit 6ch D/A Converter with Buffer Amplifiers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com