Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-5618 Datasheet (PDF) - Agilent(Hewlett-Packard)

AMMC-5618 Datasheet PDF - Agilent(Hewlett-Packard)
Part # AMMC-5618
Download  AMMC-5618 Download
File Size   146.6 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 6 - 20 GHz Amplifier

AMMC-5618 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMMC-5618 Datasheet PDF - Agilent(Hewlett-Packard)

Part # AMMC-5618
Download  AMMC-5618 Click to download

File Size   146.6 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 6 - 20 GHz Amplifier

AMMC-5618 Datasheet (HTML) - Agilent(Hewlett-Packard)


AMMC-5618 Product details

Description

Agilent’s AMMC- 5618 6−20 GHz MMIC is an efficient two- stage amplifier designed to be used as

a cascadable intermediate gain block for EW applications. In communication systems, it can be used as a LO buffer, or as a transmit driver amplifier. It is fabricated using a PHEMT integrated circuit structure that provides exceptional efficiency and flat gain performance. During typical operation with a single 5- V supply, each gain stage is biased for Class- A operation for optimal power output with minimal distortion. The RF input and output have matching circuitry for use in

50-Ωenvironments. The backside of the chip is both RF and DC ground. This helps simplify the assembly process and reduces assembly related performance variations and costs. The MMIC is a cost effective alternative to hybrid (discrete FET) amplifiers that require complex tuning and

assembly processes.



Features

• Frequency Range: 6 −20 GHz

• High Gain: 14.5 dB Typical

• Output Power: 19.5 dBm Typical

• Input and Output Return Loss: < -12 dB

• Flat Gain Response: ±0.3 dB Typical

• Single Supply Bias: 5 V @ 107 mA



Applications

• Driver/Buffer in microwave communication systems

• Cascadable gain stage for EW systems

• Phased array radar and transmit amplifiers




Similar Part No. - AMMC-5618

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5618 AVAGO-AMMC-5618 Datasheet
280Kb / 8P
6 - 20 GHz Amplifier
AMMC-5618 AVAGO-AMMC-5618 Datasheet
423Kb / 8P
6 - 20 GHz Amplifier
logo
Broadcom Corporation.
AMMC-5618 BOARDCOM-AMMC-5618 Datasheet
423Kb / 8P
6 - 20 GHz Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5618-W10 AVAGO-AMMC-5618-W10 Datasheet
280Kb / 8P
6 - 20 GHz Amplifier
AMMC-5618-W10 AVAGO-AMMC-5618-W10 Datasheet
423Kb / 8P
6 - 20 GHz Amplifier
More results


Similar Description - AMMC-5618

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMMC-5618 HP-HMMC-5618 Datasheet
82Kb / 6P
6-20 GHz Amplifier
HMMC-5620 HP-HMMC-5620 Datasheet
130Kb / 6P
6-20 GHz High-Gain Amplifier
AMMP-6220 HP-AMMP-6220 Datasheet
406Kb / 10P
6-20 GHz Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6220 AVAGO-AMMP-6220 Datasheet
430Kb / 10P
6-20 GHz Low Noise Amplifier
AMMC-5618 AVAGO-AMMC-5618 Datasheet
280Kb / 8P
6 - 20 GHz Amplifier
AMMP-5618 AVAGO-AMMP-5618 Datasheet
234Kb / 9P
6-20 GHz General Purpose Amplifier
AMMC-5618 AVAGO-AMMC-5618_13 Datasheet
423Kb / 8P
6 - 20 GHz Amplifier
logo
Broadcom Corporation.
AMMC-5618 BOARDCOM-AMMC-5618 Datasheet
423Kb / 8P
6 - 20 GHz Amplifier
AMMC-5620 BOARDCOM-AMMC-5620 Datasheet
599Kb / 8P
6 - 20 GHz High Gain Amplifier
logo
Qorvo, Inc
CMD316C3 QORVO-CMD316C3 Datasheet
407Kb / 13P
6-20 GHz Low Noise Amplifier
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com