Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMMC-5620 Datasheet (PDF) - Agilent(Hewlett-Packard)

HMMC-5620 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HMMC-5620
Download  HMMC-5620 Download
File Size   130.48 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 6-20 GHz High-Gain Amplifier

HMMC-5620 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMMC-5620 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HMMC-5620
Download  HMMC-5620 Click to download

File Size   130.48 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 6-20 GHz High-Gain Amplifier

HMMC-5620 Datasheet (HTML) - Agilent(Hewlett-Packard)


HMMC-5620 Product details

Description
The HMMC-5620 is a wideband GaAs MMIC Amplifier designed for medium output power and high gain over the 6 to 20 GHz frequency range. Four MESFET cascade stages provide high gain, while the single bias supply offers ease of use. E-Beam lithography is used to produce gate lengths of ≈ 0.3µm. The HMMC-5620 incorporates advanced MBE technology, Ti-Pt-Au gate metallization, silicon nitride passivation, and polyimide for scratch protection.

Features
• Wide-Frequency Range: 6– 20 GHz
• High Gain: 17 dB
• Gain Flatness: ± 1.0 dB
• Return Loss:
    Input -15 dB
    Output -15 dB
• Single Bias Supply Operation
• Low DC Power Dissipation: PDC~ 0.5 Watts
• Medium Power: 20 GHz: P-1dB: 12 dBm
                                           Psat: 13 dBm




Similar Part No. - HMMC-5620

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMMC-5617 HP-HMMC-5617 Datasheet
336Kb / 6P
6-18 GHz Medium Power Amplifier
HMMC-5618 HP-HMMC-5618 Datasheet
82Kb / 6P
6-20 GHz Amplifier
More results


Similar Description - HMMC-5620

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMMC-5618 HP-HMMC-5618 Datasheet
82Kb / 6P
6-20 GHz Amplifier
AMMC-5618 HP-AMMC-5618 Datasheet
146Kb / 8P
6 - 20 GHz Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5620 AVAGO-AMMP-5620 Datasheet
524Kb / 12P
6 20 GHz High Gain Amplifier in SMT Package
AMMC-5620 AVAGO-AMMC-5620 Datasheet
589Kb / 8P
6 - 20 GHz High Gain Amplifier
AMMP-5620 AVAGO-AMMP-5620_13 Datasheet
201Kb / 7P
6 ??20 GHz High Gain Amplifier in SMT Package
AMMC-5620 AVAGO-AMMC-5620_15 Datasheet
599Kb / 8P
6 - 20 GHz High Gain Amplifier
AMMP-5620 AVAGO-AMMP-5620_15 Datasheet
201Kb / 7P
6 ??20 GHz High Gain Amplifier in SMT Package
logo
Agilent(Hewlett-Packard...
AMMC-5620 HP-AMMC-5620 Datasheet
201Kb / 9P
Agilent AMMC-5620, 6 - 20 GHz High Gain Amplifier
logo
Broadcom Corporation.
AMMC-5620 BOARDCOM-AMMC-5620 Datasheet
599Kb / 8P
6 - 20 GHz High Gain Amplifier
AMMP-5620 BOARDCOM-AMMP-5620 Datasheet
201Kb / 7P
6 ??20 GHz High Gain Amplifier in SMT Package
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com