Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-5620 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

AMMC-5620 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # AMMC-5620
Download  AMMC-5620 Download
File Size   589.57 Kbytes
Page   8 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 6 - 20 GHz High Gain Amplifier

AMMC-5620 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMMC-5620 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-5620
Download  AMMC-5620 Click to download

File Size   589.57 Kbytes
Page   8 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 6 - 20 GHz High Gain Amplifier

AMMC-5620 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


AMMC-5620 Product details

Description
Avago Technologies’ AMMC-5620 MMIC is a GaAs wideband amplifier designed for medium output power and high gain over the 6 - 20 GHz frequency range. The 3 cascaded stages provide high gain while the single bias supply offers ease of use. It is fabricated using a PHEMT integrated circuit process. The RF input and output ports have matching circuitry for use in 50-Ω environments. The backside of the chip is both RF and DC ground.

Features
• Frequency Range: 6 - 20 GHz
• High Gain: 19 dB Typical
• Output Power: 15dBm Typical
• Input and Output Return Loss: < -10 dB
• Positive Gain Slope: + 0.21dB/GHz Typical
• Single Supply Bias: 5 V @ 95 mA Typical

Applications
• General purpose, wide-band amplifier in communication systems or microwave instrumentation
• High gain amplifier




Similar Part No. - AMMC-5620

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMC-5620 HP-AMMC-5620 Datasheet
201Kb / 9P
Agilent AMMC-5620, 6 - 20 GHz High Gain Amplifier
logo
Broadcom Corporation.
AMMC-5620 BOARDCOM-AMMC-5620 Datasheet
599Kb / 8P
6 - 20 GHz High Gain Amplifier
logo
Agilent(Hewlett-Packard...
AMMC-5620-W10 HP-AMMC-5620-W10 Datasheet
201Kb / 9P
Agilent AMMC-5620, 6 - 20 GHz High Gain Amplifier
logo
Broadcom Corporation.
AMMC-5620-W10 BOARDCOM-AMMC-5620-W10 Datasheet
599Kb / 8P
6 - 20 GHz High Gain Amplifier
logo
Agilent(Hewlett-Packard...
AMMC-5620-W50 HP-AMMC-5620-W50 Datasheet
201Kb / 9P
Agilent AMMC-5620, 6 - 20 GHz High Gain Amplifier
More results


Similar Description - AMMC-5620

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMMC-5618 HP-HMMC-5618 Datasheet
82Kb / 6P
6-20 GHz Amplifier
HMMC-5620 HP-HMMC-5620 Datasheet
130Kb / 6P
6-20 GHz High-Gain Amplifier
AMMC-5618 HP-AMMC-5618 Datasheet
146Kb / 8P
6 - 20 GHz Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5620 AVAGO-AMMP-5620 Datasheet
524Kb / 12P
6 20 GHz High Gain Amplifier in SMT Package
AMMP-5620 AVAGO-AMMP-5620_13 Datasheet
201Kb / 7P
6 ??20 GHz High Gain Amplifier in SMT Package
AMMC-5620 AVAGO-AMMC-5620_15 Datasheet
599Kb / 8P
6 - 20 GHz High Gain Amplifier
AMMP-5620 AVAGO-AMMP-5620_15 Datasheet
201Kb / 7P
6 ??20 GHz High Gain Amplifier in SMT Package
logo
Agilent(Hewlett-Packard...
AMMC-5620 HP-AMMC-5620 Datasheet
201Kb / 9P
Agilent AMMC-5620, 6 - 20 GHz High Gain Amplifier
logo
Broadcom Corporation.
AMMC-5620 BOARDCOM-AMMC-5620 Datasheet
599Kb / 8P
6 - 20 GHz High Gain Amplifier
AMMP-5620 BOARDCOM-AMMP-5620 Datasheet
201Kb / 7P
6 ??20 GHz High Gain Amplifier in SMT Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com