Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-5620 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-5620
Description  6 - 20 GHz High Gain Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-5620 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-5620 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-5620 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-5620 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-5620 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-5620 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-5620 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-5620 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-5620 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Notes:
1. Backside temperature Tb = 25°C unless otherwise noted
2. Channel-to-backside Thermal Resistance (qch-b) = 47°C/W at Tchannel (Tc) = 150°C as measured using infrared microscopy. Thermal Resistance
at backside temperature (Tb) = 25°C calculated from measured data.
AMMC-5620 DC Specifications/Physical Properties [1]
Notes:
3. 100% on-wafer RF test is done at frequency = 6, 13 and 20 GHz, except as noted.
AMMC-5620 RF Specifications [3]
Tb = 25°C, VDD=5V, IDD=95 mA, Zo=50 Ω
Symbol
Parameters and Test Conditions
Units
Min.
Typical
Max.
VDD
Recommended Drain Supply Current
V
5
IDD
Total Drain Supply Current ( VDD = 5V)
mA
70
95
130
IDD
Total Drain Supply Current ( VDD = 7V)
mA
105
qch-b
Thermal Resistance [3]
(Backside temperature (Tb) = 25 °C
°C/W
33
Symbol
Parameters and Test Conditions
Units
Min.
Typical Max.
S21 2
Small-signal Gain
dB
16
19
22
Gain Slope
Positive Small-signal Gain Slope
dB/GHz
+0.21
RLin
Input Return Loss
dB
10
13
RLout
Output Return Loss
dB
10
14
S12 2
Reverse Isolation
dB
- 55
P-1dB
Output Power at 1 dB Gain Compression @ 20 GHz
dBm
12.5
15
Psat
Saturated Output Power (3dB Gain Compression) @ 20 GHz
dBm
14.5
17
OIP3
Output 3rd Order Intercept Point @ 20 GHz
dBm
23.5
NF
Noise Figure @ 20 GHz
dB
4.2
5.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com