Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS0345 Datasheet (PDF) - DAICO Industries, Inc.

DS0345 Datasheet PDF - DAICO Industries, Inc.
Part # DS0345
Download  DS0345 Download
File Size   25.23 Kbytes
Page   1 Pages
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.
Description PIN DIODE SP5T

DS0345 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS0345 Datasheet PDF - DAICO Industries, Inc.

Part # DS0345
Download  DS0345 Click to download

File Size   25.23 Kbytes
Page   1 Pages
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.
Description PIN DIODE SP5T

DS0345 Datasheet (HTML) - DAICO Industries, Inc.


DS0345 Product details

FEATURES
■ 60 - 1500 MHz
■ 8 mA, +15 VDC
■ CMOS Driver
■ 24 Pin DIP
■ Low Cost




Similar Part No. - DS0345

ManufacturerPart #DatasheetDescription
logo
CUI INC
DS03-254 CUI-DS03-254 Datasheet
319Kb / 3P
DIP SWITCH
logo
Same Sky Devices
DS03-254 SAMESKY-DS03-254 Datasheet
235Kb / 3P
DIP SWITCH
09/12/2024
logo
Vishay Siliconix
DS030070 VISHAY-DS030070 Datasheet
156Kb / 3P
Feed-Through Capacitors with Band Conductor
21-Jan-02
DS030070 VISHAY-DS030070 Datasheet
102Kb / 4P
RF Power Feed-Through Capacitors with Band Conductor, Class 1 Ceramic
03-Sep-15
DS030070BP501##BJ1 VISHAY-DS030070BP501##BJ1 Datasheet
102Kb / 4P
RF Power Feed-Through Capacitors with Band Conductor, Class 1 Ceramic
03-Sep-15
More results


Similar Description - DS0345

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
100C1285 DAICO-100C1285 Datasheet
27Kb / 1P
PIN Diode SP5T
100C1295 DAICO-100C1295 Datasheet
27Kb / 1P
High Isolation PIN Diode SP5T
logo
Tyco Electronics
MA4AGSW5 MACOM-MA4AGSW5 Datasheet
170Kb / 7P
AlGaAs SP5T Reflective PIN Diode Switch
MA4SW510 MACOM-MA4SW510 Datasheet
216Kb / 5P
SP5T PIN Diode Reflective Switch
MASW-005100 MACOM-MASW-005100 Datasheet
845Kb / 7P
Monolithic PIN SP5T Diode Switch
logo
M/A-COM Technology Solu...
MA4AGSW5_V5 MA-COM-MA4AGSW5_V5 Datasheet
140Kb / 7P
SP5T AlGaAs PIN Diode Switch
MASW-005100-1194 MA-COM-MASW-005100-1194 Datasheet
560Kb / 7P
HMIC??SP5T Silicon PIN Diode Switch
MA4SW510 MA-COM-MA4SW510 Datasheet
474Kb / 7P
HMIC??Silicon SP5T PIN Diode Switch
MA4SW510 MA-COM-MA4SW510_15 Datasheet
474Kb / 7P
HMIC Silicon SP5T PIN Diode Switch
MASW-005100-1194 MA-COM-MASW-005100-1194_14 Datasheet
1Mb / 6P
HMIC Silicon SP5T PIN Diode Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com