Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-005100 Datasheet (PDF) - Tyco Electronics

MASW-005100 Datasheet PDF - Tyco Electronics
Part # MASW-005100
Download  MASW-005100 Download
File Size   845.91 Kbytes
Page   7 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Monolithic PIN SP5T Diode Switch

MASW-005100 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASW-005100 Datasheet PDF - Tyco Electronics

Part # MASW-005100
Download  MASW-005100 Click to download

File Size   845.91 Kbytes
Page   7 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Monolithic PIN SP5T Diode Switch

MASW-005100 Datasheet (HTML) - Tyco Electronics


MASW-005100 Product details

DESCRIPTION
The MASW-005100-1194 is a SP5T Series-Shunt broad band switch made with M/A-COM’s HMICTM (Heterolithic Microwave Integrated Circuit) process, US Patent 5,268,310. This process allows the incorporation of silicon pedestals that form series and shunt diodes or vias by imbedding them in a low loss, low dispersion glass. This hybrid combination of Silicon and Glass gives HMIC Switches exceptional low loss and remarkable high isolation through low millimeter-wave frequencies.

FEATURES
• Ultra Broad Bandwidth: 50MHz to 26GHz
• 1.0 dB Insertion Loss
• 30 dB Isolation at 20GHz
• Reliable.
• Fully Monolithic
• Glass Encapsulated Construction

APPLICATIONS
    These high performance switches are suitable for the use in multi-band ECM, Radar, and instrumentation control circuits where high isolation to insertion loss ratios are required. With a standard +5 V/-5 V, TTL controlled PIN diode driver, 50ns switching speeds are achieved.




Similar Part No. - MASW-005100

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-005100-1194 MA-COM-MASW-005100-1194 Datasheet
558Kb / 7P
HMIC??Silicon PIN Diode Switch
MASW-005100-1194 MA-COM-MASW-005100-1194 Datasheet
560Kb / 7P
HMIC SP5T Silicon PIN Diode Switch
MASW-005100-1194 MA-COM-MASW-005100-1194 Datasheet
560Kb / 7P
HMIC??SP5T Silicon PIN Diode Switch
MASW-005100-11940G MA-COM-MASW-005100-11940G Datasheet
558Kb / 7P
HMIC??Silicon PIN Diode Switch
MASW-005100-11940G MA-COM-MASW-005100-11940G Datasheet
560Kb / 7P
HMIC SP5T Silicon PIN Diode Switch
More results


Similar Description - MASW-005100

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DS0345 DAICO-DS0345 Datasheet
25Kb / 1P
PIN DIODE SP5T
100C1285 DAICO-100C1285 Datasheet
27Kb / 1P
PIN Diode SP5T
logo
Tyco Electronics
MA4AGSW5 MACOM-MA4AGSW5 Datasheet
170Kb / 7P
AlGaAs SP5T Reflective PIN Diode Switch
MA4SW510 MACOM-MA4SW510 Datasheet
216Kb / 5P
SP5T PIN Diode Reflective Switch
logo
M/A-COM Technology Solu...
MA4AGSW5_V5 MA-COM-MA4AGSW5_V5 Datasheet
140Kb / 7P
SP5T AlGaAs PIN Diode Switch
MASW-005100-1194 MA-COM-MASW-005100-1194_2 Datasheet
560Kb / 7P
HMIC SP5T Silicon PIN Diode Switch
MASW-005100-1194 MA-COM-MASW-005100-1194 Datasheet
560Kb / 7P
HMIC??SP5T Silicon PIN Diode Switch
MA4SW510 MA-COM-MA4SW510 Datasheet
474Kb / 7P
HMIC??Silicon SP5T PIN Diode Switch
MA4SW510 MA-COM-MA4SW510_15 Datasheet
474Kb / 7P
HMIC Silicon SP5T PIN Diode Switch
MASW-005100-1194 MA-COM-MASW-005100-1194_14 Datasheet
1Mb / 6P
HMIC Silicon SP5T PIN Diode Switch
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com