Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-576X Datasheet (PDF) - Agilent(Hewlett-Packard)

HCPL-576X Datasheet PDF - Agilent(Hewlett-Packard)
Part # HCPL-576X
Download  HCPL-576X Download
File Size   164.02 Kbytes
Page   11 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description AC/DC to Logic Interface Hermetically Sealed Optocouplers

HCPL-576X Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-576X Datasheet PDF - Agilent(Hewlett-Packard)

Part # HCPL-576X
Download  HCPL-576X Click to download

File Size   164.02 Kbytes
Page   11 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description AC/DC to Logic Interface Hermetically Sealed Optocouplers

HCPL-576X Datasheet (HTML) - Agilent(Hewlett-Packard)


HCPL-576X Product details

Description
These devices are single channel, hermetically sealed, voltage/current threshold detection optocouplers. The products are capable of operation and storage over the full military temperature range and can be purchased as either standard product, or with full MIL-PRF-38534 Class Level H or K testing, or from the DSCC Standard Microcircuit Drawing (SMD) 5962-89477. All devices are manufactured and tested on a MIL-PRF-38534 certified line and are included in the DSCC Qualified Manufacturers List, QML-38534 for Hybrid
Microcircuits.

Features
• Dual Marked with Device Part Number and DSCC Standard Microcircuit Drawing
• Manufactured and Tested on a MIL-PRF-38534 Certified Line
• QML-38534, Class H and K
• Hermetically Sealed 8-pin Dual In-Line Packages
• Performance Guaranteed over -55°C to +125°C
• ac or dc Input
• Programmable Sense Voltage
• Hysteresis
• HCPL-3700 Operating Compatibility
• Logic Compatible Output
• 1500 Vdc Withstand Test Voltage
• Thresholds Guaranteed over Temperature
• Thresholds Independent of LED Characteristics

Applications
• Military and Space
• High Reliability Systems
• Transportation, Medical, and Life Critical Systems
• Limit Switch Sensing
• Low Voltage Detector
• ac/dc Voltage Sensing
• Relay Contact Monitor
• Relay Coil Voltage Monitor
• Current Sensing
• Microprocessor Interface
• Telephone Ring Detection
• Harsh Industrial Environments




Similar Part No. - HCPL-576X

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HCPL-576X BOARDCOM-HCPL-576X Datasheet
1Mb / 11P
AC/DC to Logic Interface Hermetically Sealed Optocouplers
More results


Similar Description - HCPL-576X

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-3700 HP-HCPL-3700 Datasheet
230Kb / 13P
AC/DC to Logic Interface Optocouplers
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
HCPL-0370 HP-HCPL-0370 Datasheet
119Kb / 13P
AC/DC to Logic Interface Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-5761 AVAGO-HCPL-5761 Datasheet
717Kb / 10P
AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-5760 AVAGO-HCPL-5760 Datasheet
717Kb / 10P
AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
HCPL-576X BOARDCOM-HCPL-576X Datasheet
1Mb / 11P
AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com