Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-5760 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-5760 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-5760
Download  HCPL-5760 Download
File Size   717.73 Kbytes
Page   10 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description AC/DC to Logic Interface Hermetically Sealed Optocouplers

HCPL-5760 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-5760 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-5760
Download  HCPL-5760 Click to download

File Size   717.73 Kbytes
Page   10 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description AC/DC to Logic Interface Hermetically Sealed Optocouplers

HCPL-5760 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCPL-5760 Product details

Description
These devices are single channel, hermetically sealed, voltage/current threshold detec tion optocouplers. The products are capable of operation and storage over the full military temperature range and can be purchased as either standard product, or with full MIL-PRF-38534 Class Level H or K testing, or from the DLA Standard Micro-circuit Drawing (SMD) 5962-89477. All devices are manufactured and tested on a MIL-PRF-38534 certified line and are included in the DLA Qualified Manufac tur ers List, QML-38534 for Hybrid Microcircuits.

Features
• Dual marked with device part number and DLA standard microcircuit drawing
• Manufactured and tested on a MIL-PRF-38534 certified line
• QML-38534, class H and K
• Hermetically sealed 8-pin dual in-line packages
• Performance guaranteed over -55° C to +125° C
• AC or DC input
• Programmable sense voltage
• Hysteresis
• HCPL-3700 operating compatibility
• Logic compatible output
• 1500 Vdc withstand test voltage
• Thresholds guaranteed over temperature
• Thresholds independent of LED characteristics

Applications
• Military and space
• High reliability systems
• Transportation, medical, and life critical systems
• Limit switch sensing
• Low voltage detector
• AC/DC voltage sensing
• Relay contact monitor
• Relay coil voltage monitor
• Current sensing
• Microprocessor interface
• Telephone ring detection
• Harsh industrial environments




Similar Part No. - HCPL-5760

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-5760-100 HP-HCPL-5760-100 Datasheet
164Kb / 11P
AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-5760-200 HP-HCPL-5760-200 Datasheet
164Kb / 11P
AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-5760-300 HP-HCPL-5760-300 Datasheet
164Kb / 11P
AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-5760-600 HP-HCPL-5760-600 Datasheet
164Kb / 11P
AC/DC to Logic Interface Hermetically Sealed Optocouplers
More results


Similar Description - HCPL-5760

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-3700 HP-HCPL-3700 Datasheet
230Kb / 13P
AC/DC to Logic Interface Optocouplers
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
HCPL-0370 HP-HCPL-0370 Datasheet
119Kb / 13P
AC/DC to Logic Interface Optocouplers
HCPL-576X HP-HCPL-576X Datasheet
164Kb / 11P
AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-5761 AVAGO-HCPL-5761 Datasheet
717Kb / 10P
AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
HCPL-576X BOARDCOM-HCPL-576X Datasheet
1Mb / 11P
AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com