Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDSP-511A Datasheet (PDF) - Agilent(Hewlett-Packard)

HDSP-511A Datasheet PDF - Agilent(Hewlett-Packard)
Part # HDSP-511A
Download  HDSP-511A Download
File Size   353.03 Kbytes
Page   10 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 14.22 mm (0.56 inch) General Purpose Seven-Segment Display

HDSP-511A Datasheet (PDF)

Go To PDF Page Download Datasheet
HDSP-511A Datasheet PDF - Agilent(Hewlett-Packard)

Part # HDSP-511A
Download  HDSP-511A Click to download

File Size   353.03 Kbytes
Page   10 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 14.22 mm (0.56 inch) General Purpose Seven-Segment Display

HDSP-511A Datasheet (HTML) - Agilent(Hewlett-Packard)


HDSP-511A Product details

Description
This 14.22 mm (0.56 inch) LED seven-segment display uses industry standard size package and pinout. The device is available in either common anode or common cathode. The choice of colors includes High Efficiency Red (HER), Green, AlGaAs Red, and Yellow. The gray face displays are suitable for indoor use.

Features
• Industry standard size
• Industry standard pinout
    14.22 mm (0.56 inch)
    DIP lead on 2.54 mm
• Choice of colors
    High Efficiency Red (HER), Green,
    AlGaAs Red, and Yellow
• Excellent appearance
    Evenly lighted segments gray
    package gives optimum contrast
    ± 50° viewing angle
• Design flexibility
    Common anode or common cathode
    Single digit
    Left and right hand decimal point
• Categorized for luminous intensity
    Green and yellow categorized for color

Applications
• Suitable for indoor use
• Not recommended for industrial application, i.e., operating temperature requirements exceeding +85˚C or below –25˚C[1]
• Extreme temperature cycling not recommended




Similar Part No. - HDSP-511A

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-511A AVAGO-HDSP-511A Datasheet
78Kb / 9P
14.22 mm (0.56 inch) General Purpose Seven-Segment Display
More results


Similar Description - HDSP-511A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-521A HP-HDSP-521A Datasheet
336Kb / 6P
14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
HDSP-331X HP-HDSP-331X Datasheet
88Kb / 14P
7.62 mm (0.3 inch) General Purpose Seven-Segment Display
logo
Lite-On Technology Corp...
LTS-6680E LITEON-LTS-6680E Datasheet
127Kb / 5P
0.56 inch (14.22 mm) digit height single digit seven-segment display.
logo
Agilent(Hewlett-Packard...
HDSP-50XB HP-HDSP-50XB Datasheet
66Kb / 4P
14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-521A AVAGO-HDSP-521A Datasheet
55Kb / 6P
14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
HDSP-513E AVAGO-HDSP-513E Datasheet
78Kb / 9P
14.22 mm (0.56 inch) General Purpose Seven-Segment Display
HDSP-331E AVAGO-HDSP-331E_12 Datasheet
82Kb / 12P
7.62 mm (0.3 inch) General Purpose Seven-Segment Display
HDSP-50XB AVAGO-HDSP-50XB Datasheet
195Kb / 4P
14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
HDSP-511X AVAGO-HDSP-511X Datasheet
78Kb / 9P
14.22 mm (0.56 inch) General Purpose Seven-Segment Display
logo
Broadcom Corporation.
HDSP-521A BOARDCOM-HDSP-521A Datasheet
131Kb / 6P
14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com