Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM60G3U65B Datasheet (PDF) - MacMic

MM60G3U65B Datasheet PDF - MacMic
Part # MM60G3U65B
Download  MM60G3U65B Download
File Size   621.08 Kbytes
Page   5 Pages
Manufacturer  MACMIC [MacMic]
Direct Link  https://macmicst.com.tw
Logo MACMIC - MacMic
Description 650V 60A IGBT

MM60G3U65B Datasheet (PDF)

Go To PDF Page Download Datasheet
MM60G3U65B Datasheet PDF - MacMic

Part # MM60G3U65B
Download  MM60G3U65B Click to download

File Size   621.08 Kbytes
Page   5 Pages
Manufacturer  MACMIC [MacMic]
Direct Link  https://macmicst.com.tw
Logo MACMIC - MacMic
Description 650V 60A IGBT

MM60G3U65B Datasheet (HTML) - MacMic




Similar Part No. - MM60G3U65B

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
MM60 JAE-MM60 Datasheet
460Kb / 6P
Compatible with PCI Express Mini Card
MM60-52B-B-R850 JAE-MM60-52B-B-R850 Datasheet
162Kb / 1P
CARRIER TAPE POLYSTYRENE
MM60-52B1-B1 JAE-MM60-52B1-B1 Datasheet
460Kb / 6P
Compatible with PCI Express Mini Card
MM60-52B1-B1-R850 JAE-MM60-52B1-B1-R850 Datasheet
150Kb / 2P
Compatible with automatic mounting, PCI Express Mini Card compatible connector, 52, Connector
MM60-52B1-B1R50 JAE-MM60-52B1-B1R50 Datasheet
5Mb / 7P
0.8mm (.031") Contact Spacing, Compatible to PCI Express Mini Card
More results


Similar Description - MM60G3U65B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXXH40N65B4H1 IXYS-IXXH40N65B4H1 Datasheet
181Kb / 8P
XPTTM 650V IGBT
IXXH80N65B4H1 IXYS-IXXH80N65B4H1 Datasheet
217Kb / 7P
XPTTM 650V IGBT
IXYA20N65C3D1 IXYS-IXYA20N65C3D1 Datasheet
248Kb / 7P
XPTTM 650V IGBT
logo
Renesas Technology Corp
RBN40H65T1FPQ-A0 RENESAS-RBN40H65T1FPQ-A0 Datasheet
309Kb / 5P
650V - 40A - IGBT
RJH65D27BDPQ-A0 RENESAS-RJH65D27BDPQ-A0 Datasheet
588Kb / 11P
650V - 50A - IGBT
logo
Shenzhen Huazhimei Semi...
HMG60N65FT HMSEMI-HMG60N65FT Datasheet
1Mb / 8P
650V /60A Trench Field Stop IGBT
logo
Rohm
MH2107WZ ROHM-MH2107WZ Datasheet
233Kb / 3P
650V 60A Fast Recovery Diode
2019.08 - Rev.A
logo
MacMic
MM50GBU65B MACMIC-MM50GBU65B Datasheet
363Kb / 5P
650V 50A IGBT
September 2022 Version 04
MM75G5T65B MACMIC-MM75G5T65B Datasheet
762Kb / 7P
650V 75A IGBT
June 2022 Version 01
MM75G5U65BX MACMIC-MM75G5U65BX Datasheet
313Kb / 7P
650V 75A IGBT
September 2021 Version 02
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com