Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM80FU040PC Datasheet (PDF) - MacMic

MM80FU040PC Datasheet PDF - MacMic
Part # MM80FU040PC
Download  MM80FU040PC Download
File Size   681.56 Kbytes
Page   3 Pages
Manufacturer  MACMIC [MacMic]
Direct Link  https://macmicst.com.tw
Logo MACMIC - MacMic
Description 400V 80A FRED

MM80FU040PC Datasheet (PDF)

Go To PDF Page Download Datasheet
MM80FU040PC Datasheet PDF - MacMic

Part # MM80FU040PC
Download  MM80FU040PC Click to download

File Size   681.56 Kbytes
Page   3 Pages
Manufacturer  MACMIC [MacMic]
Direct Link  https://macmicst.com.tw
Logo MACMIC - MacMic
Description 400V 80A FRED

MM80FU040PC Datasheet (HTML) - MacMic




Similar Part No. - MM80FU040PC

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MM80FU040PC THINKISEMI-MM80FU040PC Datasheet
769Kb / 3P
80 Ampere,400 Volt Common Cathode Fast Recovery Epitaxial Diode
More results


Similar Description - MM80FU040PC

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
P2H80F4 NIEC-P2H80F4 Datasheet
155Kb / 3P
FRD MODULE 80A/400V
logo
MacMic
MM30F040PC MACMIC-MM30F040PC Datasheet
273Kb / 3P
400V 30A FRED
MM60F040B MACMIC-MM60F040B Datasheet
302Kb / 3P
400V 60A FRED
MMF2X100J040D MACMIC-MMF2X100J040D Datasheet
337Kb / 3P
400V 100A FRED Module
MMF200Y040DK1 MACMIC-MMF200Y040DK1 Datasheet
725Kb / 3P
400V 200A FRED Module
MMF300Y040DK1 MACMIC-MMF300Y040DK1 Datasheet
725Kb / 3P
400V 300A FRED Module
MMF300Y040DK1B MACMIC-MMF300Y040DK1B Datasheet
214Kb / 3P
400V 300A FRED Module
MMF400S040DK2B MACMIC-MMF400S040DK2B Datasheet
431Kb / 3P
400V 400A FRED Module
MMF400Y040DK1B MACMIC-MMF400Y040DK1B Datasheet
213Kb / 3P
400V 400A FRED Module
logo
Shenzhen Luguang Electr...
MUR3040PT LUGUANG-MUR3040PT Datasheet
850Kb / 1P
400V 30A FRED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com