Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM80FU040PC Datasheet(PDF) 1 Page - MacMic

Part # MM80FU040PC
Description  400V 80A FRED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACMIC [MacMic]
Direct Link  https://macmicst.com.tw
Logo MACMIC - MacMic

MM80FU040PC Datasheet(HTML) 1 Page - MacMic

  MM80FU040PC Datasheet HTML 1Page - MacMic MM80FU040PC Datasheet HTML 2Page - MacMic MM80FU040PC Datasheet HTML 3Page - MacMic  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT FEATURES

Ultrafast Recovery Time

Freewheeling, Snubber, Clamp

Low Recovery Loss

Inversion Welder

Soft Reverse Recovery Characteristics

PFC

Low Leakage Current

Plating Power Supply

Low Forward Voltage

Ultrasonic Cleaner and Welder

High Surge Current Capability

Converter & Chopper

UPS
FRED from MacMic utilizes advanced processing techniques to achieve
ultrafast recovery times and higher forward current. Its soft recovery
characteristics and high reliability suit for wide industrial applications.
Unit
MM80FU040PC
400V 80A FRED
May 2015
Version 01
RoHS Compliant
APPLICATIONS
DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
T C =25°C unless otherwise specified
Symbol
Parameter/Test Conditions
Values
VR
Maximum D.C. Reverse Voltage
400
V
V
M i
R
titi
R
V lt
1
2
3
TO-3P
1
W
℃
℃
Nm
℃
/W
g
Unit
μA
mA
ns
ns
ns
A
ns
400
V
VRRM
Maximum Repetitive Reverse Voltage
IF(AV)
Average Forward Current
TC=100℃, Per Diode
40
A
TC=100℃, Per Package
80
IF(RMS)
RMS Forward Current
TC=100℃, Per Diode
56
IFSM
Non Repetitive Surge Forward Current
TJ=25℃,t=10ms, 50Hz, Sine
400
PD
Power Dissipation
156
TJ
Junction Temperature
-55 to +150
TSTG
Storage Temperature Range
-55 to +125
Torque
To Heat Sink
Recommended(M3)
1.1
RthJC
Junction to Case Thermal Resistance( Per Diode )
0.8
Weight
6
ELECTRICAL CHARACTERISTICS
T C =25°C unless otherwise specified
Symbol
Parameter/Test Conditions
Min. Typ. Max.
IRM
Maximum Reverse Leakage Current
VR =400V
10
VR =400V, TJ = 125℃
1
VF
Forward Voltage
IF=40A
1.3
1.5
V
IF=40A,TJ=125℃
1.2
trr
Reverse Recovery Time (IF = 1A, dIF/dt = -200A/μs, VR = 30V)
20
25
trr
Reverse Recovery Time (IF = 0.5A, IR=1A, IRR = 0.25A)
30
40
trr
Reverse Recovery Time
IF =40A,VR =200V,
36
IRRM
Maximum Reverse Recovery Current
dIF/dt = -200A/μs
3.2
trr
Reverse Recovery Time
I = 40A V =200V
96
1
ns
A
trr
Reverse Recovery Time
IF = 40A,VR =200V,
96
IRRM
Maximum Reverse Recovery Current
dIF/dt = -200A/μs ,TJ=125℃
7.6
MacMic Science & Technology Co., Ltd.
Add:#18, Hua Shan Zhong Lu, New District, Changzhou City, Jia ngsu Province, P. R .of China
Tel.:+86-519-85163708 Fax:+86-519-85162291 Post Code:213022 Website:www.macmicst.com
1


Similar Part No. - MM80FU040PC

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MM80FU040PC THINKISEMI-MM80FU040PC Datasheet
769Kb / 3P
80 Ampere,400 Volt Common Cathode Fast Recovery Epitaxial Diode
More results

Similar Description - MM80FU040PC

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
P2H80F4 NIEC-P2H80F4 Datasheet
155Kb / 3P
FRD MODULE 80A/400V
logo
MacMic
MM30F040PC MACMIC-MM30F040PC Datasheet
273Kb / 3P
400V 30A FRED
MM60F040B MACMIC-MM60F040B Datasheet
302Kb / 3P
400V 60A FRED
MMF2X100J040D MACMIC-MMF2X100J040D Datasheet
337Kb / 3P
400V 100A FRED Module
MMF200Y040DK1 MACMIC-MMF200Y040DK1 Datasheet
725Kb / 3P
400V 200A FRED Module
MMF300Y040DK1 MACMIC-MMF300Y040DK1 Datasheet
725Kb / 3P
400V 300A FRED Module
MMF300Y040DK1B MACMIC-MMF300Y040DK1B Datasheet
214Kb / 3P
400V 300A FRED Module
MMF400S040DK2B MACMIC-MMF400S040DK2B Datasheet
431Kb / 3P
400V 400A FRED Module
MMF400Y040DK1B MACMIC-MMF400Y040DK1B Datasheet
213Kb / 3P
400V 400A FRED Module
logo
Shenzhen Luguang Electr...
MUR3040PT LUGUANG-MUR3040PT Datasheet
850Kb / 1P
400V 30A FRED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com