Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBUS05M2-HT5 Datasheet (PDF) - Vishay Siliconix

VBUS05M2-HT5 Datasheet PDF - Vishay Siliconix
Part # VBUS05M2-HT5
Download  VBUS05M2-HT5 Download
File Size   109.27 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 2-Line Low Capacitance, Bidirectional and Symmetrical (BiSy) ESD Protection Diode

VBUS05M2-HT5 Datasheet (PDF)

Go To PDF Page Download Datasheet
VBUS05M2-HT5 Datasheet PDF - Vishay Siliconix

Part # VBUS05M2-HT5
Download  VBUS05M2-HT5 Click to download

File Size   109.27 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 2-Line Low Capacitance, Bidirectional and Symmetrical (BiSy) ESD Protection Diode

VBUS05M2-HT5 Datasheet (HTML) - Vishay Siliconix


VBUS05M2-HT5 Product details

• Small DFN1110-3A
• 2-line ESD protection
• Working range ± 5.5 V
• Low leakage current IR < 0.05 μA
• Low load capacitance CD < 0.45 pF
• ESD immunity acc. IEC 61000-4-2
± 20 kV contact discharge
± 20 kV air discharge
• ESD capability according to AEC-Q101:
human body model: class H3B: > 8 kV
• e3 - pins side wall plated with tin (Sn)
• AOI capable
• AEC-Q101 qualified available




Similar Part No. - VBUS05M2-HT5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBUS05M2-HT5 VISHAY-VBUS05M2-HT5 Datasheet
109Kb / 5P
2-Line Low Capacitance, Bidirectional and Symmetrical (BiSy) ESD Protection Diode
19-Nov-2021
VBUS05M2-HT5 VISHAY-VBUS05M2-HT5_V01 Datasheet
109Kb / 5P
2-Line Low Capacitance, Bidirectional and Symmetrical (BiSy) ESD Protection Diode
19-Nov-2021
More results


Similar Description - VBUS05M2-HT5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCAN26A2-03G VISHAY-VCAN26A2-03G Datasheet
111Kb / 5P
Bidirectional Symmetrical (BiSy) Low Capacitance,Dual-Line ESD-Protection Diode in SOT-323
23-Feb-16
VCAN26A2-03S VISHAY-VCAN26A2-03S Datasheet
130Kb / 6P
Bidirectional Symmetrical (BiSy) Low Capacitance, Dual-Line ESD Protection Diode
18-Jul-2018
VCUT03F1-HD0 VISHAY-VCUT03F1-HD0 Datasheet
111Kb / 6P
Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode
16-Feb-18
VCUT05F1-HD0 VISHAY-VCUT05F1-HD0 Datasheet
111Kb / 6P
Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode
16-Feb-18
VBUS05M2-HT1 VISHAY-VBUS05M2-HT1 Datasheet
114Kb / 7P
2-Line Low Capacitance, Bidirectional and Symmetrical (BiSy) ESD Protection Diode - Flow Through Design
17-Sep-2019
VCAN33C2-03G VISHAY-VCAN33C2-03G_V01 Datasheet
112Kb / 6P
Bidirectional Symmetrical (BiSy) Low Capacitance, Dual-Line ESD Protection Diode in SOT-323
27-Oct-2021
VCAN36A2-03G VISHAY-VCAN36A2-03G_V01 Datasheet
114Kb / 6P
Bidirectional Symmetrical (BiSy) Low Capacitance, Dual-Line ESD Protection Diode in SOT-323
08-Mar-2021
VBUS05M2-HT1 VISHAY-VBUS05M2-HT1_V01 Datasheet
114Kb / 7P
2-Line Low Capacitance, Bidirectional and Symmetrical (BiSy) ESD Protection Diode - Flow Through Design
17-Sep-2019
VBUS05M2-HT5 VISHAY-VBUS05M2-HT5_V01 Datasheet
109Kb / 5P
2-Line Low Capacitance, Bidirectional and Symmetrical (BiSy) ESD Protection Diode
19-Nov-2021
VCAN36A2-03S VISHAY-VCAN36A2-03S_V01 Datasheet
110Kb / 6P
Bidirectional Symmetrical (BiSy) Low Capacitance, Dual-Line ESD Protection Diode in SOT-23
12-Nov-2019
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com