Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBUS05M2-HT5 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VBUS05M2-HT5
Description  2-Line Low Capacitance, Bidirectional and Symmetrical (BiSy) ESD Protection Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VBUS05M2-HT5 Datasheet(HTML) 2 Page - Vishay Siliconix

  VBUS05M2-HT5 Datasheet HTML 1Page - Vishay Siliconix VBUS05M2-HT5 Datasheet HTML 2Page - Vishay Siliconix VBUS05M2-HT5 Datasheet HTML 3Page - Vishay Siliconix VBUS05M2-HT5 Datasheet HTML 4Page - Vishay Siliconix VBUS05M2-HT5 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VBUS05M2-HT5
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 16-Mar-2021
2
Document Number: 86166
For technical questions, contact: ESDprotection@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
APPLICATION NOTE
The VBUS05M2-HT5 is a two-line ESD protection device with a bidirectional and symmetrical (BiSy) breakdown and clamping
performance made for application with a voltage working range up to ± 5.5 V. The high ESD immunity and a very low
capacitance makes it usable for high frequency applications like USB2.0, USB3.0, or HDMI.
With the VBUS05M2-HT5 two high speed data lines can be protected against transient voltage signals like ESD (electro static
discharge). Connected to the data line (pin 1 and pin 2) and to ground (pin 3) negative transients will be clamped close above
the 5.5 V working range.
SCHEMATIC DIAGRAM
Fig. A
The simplified schematic diagram in Fig. A shows three identical Z-diodes with the cathode on pin 1, 2, or 3 and common
anodes. In reality each Z-diode consist of one Z-diode for the adjustment of the breakdown voltage, and two low capacitance
switching diodes which provide the low capacitance. Positive transients will be clamped through the switching diode DP and
the Z-diode ZD while negative transients will be clamped through the switching diode DN.
ELECTRICAL CHARACTERISTICS (pin 1 or pin 2 to pin 3; in both directions)
(Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
-
-
2
lines
Reverse stand-off voltage
Max. reverse working voltage
VRWM
--
5.5
V
Reverse voltage
At IR = 0.1 μA
VR
5.5
-
-
V
Reverse current
At VRWM = 5.5 V
IR
-
< 0.001
0.1
μA
Reverse breakdown voltage
At IR = 1 mA
VBR
7.5
8.5
9.5
V
Reverse clamping voltage
At IPP = 1 A
VC
-11
13
V
At IPP = IPPM = 3.4 A
VC
-15
18
V
Clamping voltage
Transmission line pulse (TLP), tp = 100 ns
ITLP = 8 A
VC-TLP
-20-
V
Transmission line pulse (TLP), tp = 100 ns
ITLP = 16 A
VC-TLP
-27-
V
Dynamic resistance
Transmission line pulse (TLP), tp = 100 ns
RDYN
-1-
Ω
Capacitance
At VR = 0 V; f = 1 MHz
CD
-
0.37
0.45
pF
At VR = 3.3 V; f = 1 MHz
-
0.37
0.45
pF
DN
DP
ZD
=
3
1
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com