Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGS1208 Datasheet (PDF) - Analog Devices

ADGS1208 Datasheet PDF - Analog Devices
Part # ADGS1208
Download  ADGS1208 Download
File Size   666.93 Kbytes
Page   33 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SPI Interface, Low CON and QINJ, 짹15 V/12 V, 1.8 V Logic Control, 8:1/Dual 4:1 Mux Switches

ADGS1208 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADGS1208 Datasheet PDF - Analog Devices

Part # ADGS1208
Download  ADGS1208 Click to download

File Size   666.93 Kbytes
Page   33 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SPI Interface, Low CON and QINJ, 짹15 V/12 V, 1.8 V Logic Control, 8:1/Dual 4:1 Mux Switches

ADGS1208 Datasheet (HTML) - Analog Devices




Similar Part No. - ADGS1208

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADGS1212 AD-ADGS1212 Datasheet
648Kb / 24P
SPI Interface, Quad SPST Switch, Low QINJ, Low CON, 짹15 V/12 V, Mux Configurable
9/2017-Revision 0
ADGS1212BCPZ AD-ADGS1212BCPZ Datasheet
648Kb / 24P
SPI Interface, Quad SPST Switch, Low QINJ, Low CON, 짹15 V/12 V, Mux Configurable
9/2017-Revision 0
ADGS1212BCPZ-RL7 AD-ADGS1212BCPZ-RL7 Datasheet
648Kb / 24P
SPI Interface, Quad SPST Switch, Low QINJ, Low CON, 짹15 V/12 V, Mux Configurable
9/2017-Revision 0
More results


Similar Description - ADGS1208

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
logo
Texas Instruments
TMUX6211 TI-TMUX6211 Datasheet
909Kb / 26P
TMUX621x 36-V, Low-Ron, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
TMUX7308F TI-TMUX7308F Datasheet
1Mb / 34P
TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with 1.8-V Logic
TMUX7411F TI-TMUX7411F Datasheet
1Mb / 30P
TMUX741xF 짹60 V Fault-protected, 1:1 (SPST), 4-Channel Switches with 1.8-V Logic
logo
Analog Devices
ADGS1212 AD-ADGS1212 Datasheet
648Kb / 24P
SPI Interface, Quad SPST Switch, Low QINJ, Low CON, 짹15 V/12 V, Mux Configurable
9/2017-Revision 0
ADGS1408 AD-ADGS1408 Datasheet
498Kb / 34P
SPI Interface, 4 廓 RON, 짹15 V/12 V/짹5 V, 1.8 V Logic Control, 8:1/Dual 4:1 Muxes
6/2018-Revision 0
logo
Texas Instruments
TMUX7308F TI-TMUX7308F_V01 Datasheet
1Mb / 40P
TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with 1.8-V Logic
OCTOBER 2021
TMUX7612 TI1-TMUX7612 Datasheet
1Mb / 34P
TMUX7612 50 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
AUGUST 2023
TMUX6221 TI-TMUX6221_V01 Datasheet
1Mb / 35P
TMUX622x 36 V, Low-RON, 1:1 (SPST), 2-Channel Switches with 1.8-V Logic
REVISED SEPTEMBER 2023
TMUX7612 TI-TMUX7612_V01 Datasheet
1Mb / 38P
TMUX7612 50 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
AUGUST 2023
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com