Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5044 Datasheet (PDF) - Analog Devices

ADRF5044 Datasheet PDF - Analog Devices
Part # ADRF5044
Download  ADRF5044 Download
File Size   476.65 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 100 MHz to 30 GHz, Silicon, SP4T Switch

ADRF5044 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADRF5044 Datasheet PDF - Analog Devices

Part # ADRF5044
Download  ADRF5044 Click to download

File Size   476.65 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 100 MHz to 30 GHz, Silicon, SP4T Switch

ADRF5044 Datasheet (HTML) - Analog Devices




Similar Part No. - ADRF5044

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5040 AD-ADRF5040 Datasheet
281Kb / 14P
High power handling
Rev. A
ADRF5040-EVALZ AD-ADRF5040-EVALZ Datasheet
281Kb / 14P
High power handling
Rev. A
ADRF5040BCPZ AD-ADRF5040BCPZ Datasheet
281Kb / 14P
High power handling
Rev. A
ADRF5040BCPZ-R7 AD-ADRF5040BCPZ-R7 Datasheet
281Kb / 14P
High power handling
Rev. A
ADRF5042 AD-ADRF5042 Datasheet
562Kb / 12P
Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
More results


Similar Description - ADRF5044

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC7992 AD-HMC7992 Datasheet
339Kb / 13P
Nonreflective, Silicon SP4T Switch, 0.1 GHz to 6.0 GHz
REV. 0
logo
Peregrine Semiconductor
PE42641MLBC-Z PSEMI-PE42641MLBC-Z Datasheet
232Kb / 8P
SP4T UltraCMOS짰 RF Switch 100 MHz ??3.0 GHz
logo
Analog Devices
ADRF5046 AD-ADRF5046 Datasheet
474Kb / 15P
Silicon SP4T Switch, Reflective, 100 MHz to 44 GHz
4/2019-Revision 0
ADRF5042 AD-ADRF5042 Datasheet
562Kb / 12P
Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
ADRF5045 AD-ADRF5045 Datasheet
372Kb / 14P
9 kHz to 30 GHz, Silicon, SP4T Switch
3/2020-Rev. 0 to Rev. A
HMC241ALP3E AD-HMC241ALP3E Datasheet
223Kb / 11P
GaAs, Nonreflective, SP4T Switch 100 MHz to 4 GHz
8/2018-Rev. B to Rev. C
ADRF5050 AD-ADRF5050 Datasheet
1Mb / 14P
Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
Rev. 0
ADRF5347 AD-ADRF5347 Datasheet
1Mb / 15P
High Linearity, Silicon SP4T Switch, 1.8 GHz to 3.8 GHz
Rev. 0
ADRF5054 AD-ADRF5054 Datasheet
1Mb / 13P
1 GHz to 60 GHz, Reflective, Silicon SP4T Switch
Rev. 0
ADRF5048 AD-ADRF5048 Datasheet
1Mb / 13P
Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com